Electronic Components Datasheet Search
  English  ▼

X  

RHF310A Datasheet(PDF) 24 Page - STMicroelectronics

Part # RHF310A
Description  Rad-hard 400 μA high-speed operational amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF310A Datasheet(HTML) 24 Page - STMicroelectronics

Back Button RHF310A Datasheet HTML 17Page - STMicroelectronics RHF310A Datasheet HTML 18Page - STMicroelectronics RHF310A Datasheet HTML 19Page - STMicroelectronics RHF310A Datasheet HTML 20Page - STMicroelectronics RHF310A Datasheet HTML 21Page - STMicroelectronics RHF310A Datasheet HTML 22Page - STMicroelectronics RHF310A Datasheet HTML 23Page - STMicroelectronics RHF310A Datasheet HTML 24Page - STMicroelectronics RHF310A Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
List of figures
Figure 1.
Pin connections of ceramic Flat-8 (top view) ................................................ 2
Figure 2.
Frequency response, positive gain ...................................................... 6
Figure 3.
Frequency response vs. capa-load ...................................................... 6
Figure 4.
Output amplitude vs. load ............................................................ 6
Figure 5.
Input voltage noise vs. frequency ....................................................... 6
Figure 6.
Distortion at 1 MHz ................................................................. 6
Figure 7.
Distortion at 10 MHz ................................................................ 6
Figure 8.
Positive slew rate on 1 kΩ load ......................................................... 7
Figure 9.
Negative slew rate on 1 kΩ load ........................................................ 7
Figure 10.
Quiescent current vs. VCC ............................................................ 7
Figure 11.
Isink ........................................................................... 7
Figure 12.
Isource .......................................................................... 7
Figure 13.
Bandwidth vs. temperature............................................................ 7
Figure 14.
CMR vs. temperature ............................................................... 8
Figure 15.
SVR vs. temperature ................................................................ 8
Figure 16.
Slew rate vs. temperature ............................................................ 8
Figure 17.
ROL vs. temperature ................................................................ 8
Figure 18.
Ibias vs. temperature ................................................................ 8
Figure 19.
Vio vs. temperature ................................................................. 8
Figure 20.
VOH and VOL vs. temperature .......................................................... 9
Figure 21.
Iout vs. temperature ................................................................. 9
Figure 22.
ICC vs. temperature ................................................................. 9
Figure 23.
Circuit for power supply bypassing ..................................................... 11
Figure 24.
Circuit for +5 V single supply ......................................................... 12
Figure 25.
Noise model ..................................................................... 12
Figure 26.
Inverting summing amplifier .......................................................... 14
Figure 27.
Compensation of the input bias current .................................................. 15
Figure 28.
Low-pass active filtering, Sallen-Key .................................................... 15
Figure 29.
Ceramic Flat-8 package outline........................................................ 17
RHF310A
List of figures
DS6201 - Rev 7
page 24/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com