Electronic Components Datasheet Search
  English  ▼

X  

STEF512GR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STEF512GR
Description  Dual electronic fuse for 5 V and 12 V rails
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512GR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STEF512GR Datasheet HTML 3Page - STMicroelectronics STEF512GR Datasheet HTML 4Page - STMicroelectronics STEF512GR Datasheet HTML 5Page - STMicroelectronics STEF512GR Datasheet HTML 6Page - STMicroelectronics STEF512GR Datasheet HTML 7Page - STMicroelectronics STEF512GR Datasheet HTML 8Page - STMicroelectronics STEF512GR Datasheet HTML 9Page - STMicroelectronics STEF512GR Datasheet HTML 10Page - STMicroelectronics STEF512GR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Iq
Quiescent current
(excluding EN current)
Device operating
250
1000
µA
Off-state, VEN = 5 V
40
80
µA
IEN
Sas disable pin current
VEN = 5 V
10
µA
Thermal protection
TSD
Shutdown temperature
(2)
165
°C
Hysteresis
20
1. Pulsed test.
2. Guaranteed by design, but not tested in production.
3. The maximum continuous current is the current level above which the control loop starts increasing the ON-resistance of the
pass element.
Table 5. Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
CIN
Input capacitance
1
47
µF
COUT
Output capacitance
10
47
STEF512GR
Electrical characteristics
DS13212 - Rev 2
page 7/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com