Electronic Components Datasheet Search
  English  ▼

X  

STEF512GR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STEF512GR
Description  Dual electronic fuse for 5 V and 12 V rails
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512GR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STEF512GR Datasheet HTML 4Page - STMicroelectronics STEF512GR Datasheet HTML 5Page - STMicroelectronics STEF512GR Datasheet HTML 6Page - STMicroelectronics STEF512GR Datasheet HTML 7Page - STMicroelectronics STEF512GR Datasheet HTML 8Page - STMicroelectronics STEF512GR Datasheet HTML 9Page - STMicroelectronics STEF512GR Datasheet HTML 10Page - STMicroelectronics STEF512GR Datasheet HTML 11Page - STMicroelectronics STEF512GR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
6
Device functional description
The STEF512GR embeds a 5 V and a 12 V electronic fuse (e-fuses). Each e-fuse is an intelligent load switch,
which is able to limit the voltage or the current during fault events, such as: input overvoltage or output overload
respectively. For this purpose, it contains 2 analogue control loops, the former limits the output voltage and the
latter limits the input current.
The current limiting loop is also used during the start-up phase of the E-fuse to limit the inrush current into the
output capacitor.
During the normal operation, the e-fuse behaves like a low-resistance Power FET, therefore the output voltage
follows the input one. In case of overvoltage or overcurrent events, the e-fuse limits the VGS of the internal FET, in
order to clamp the output voltage or current respectively. During such events the die temperature rises due to the
power dissipation and so, if the fault persists and the overtemperature threshold is overcome, the device goes into
thermal shutdown, the internal FET is turned-off and the load disconnected from the power supply.
Once the e-fuse is in thermal shutdown, it does not restart automatically. The e-fuse can be restarted manually by
toggling the EN pin or performing a power-up cycle, (this becomes effective as soon as the die temperature drops
by at least the overtemperature hysteresis).
Each e-fuse provides factory-trimmed undervoltage lockout feature and user-adjustable output voltage rise time.
6.1
Undervoltage lockout
The undervoltage lockout circuit prevents each e-fuse from turning on if the supply voltage is below the UVLO
rising threshold. During this operation, if the input voltage falls below (VUVLO_x - VHyst_x), the output of the
relevant channel is turned off.
If the supply voltage comes back into the operative range, the relevant channel restarts with a soft-start cycle.
6.2
Start-up sequence and voltage clamp
The typical start-up sequence of each e-fuse is as follows:
•
The power supply is connected to the VIN_x pin and it is higher than the undervoltage lockout threshold
•
The disable pin is asserted by the user to low logic level (or left floating), enabling the device
•
Typically, 1.2 ms after the e-fuse starts ramping up the output voltage
•
Each channel ramps up with a rate set by the relevant CSSx
•
If the input voltage continues rising, above the overvoltage threshold (VClamp_x), as a consequence of a
failure in the power supply, the e-fuse limits the output voltage to VClamp_x. The e-fuse keeps operating in
this state until it hits its overtemperature threshold and shuts down.
6.3
Current limit function
Each e-fuse provides 2 kinds of current limit protections:
•
Operative current limit: in case of overload, i.e. if the load current exceeds the IDxx, the device starts
increasing the power MOS resistance. The overload current limit (ILim_x) is 3 A typ. for the 5 V fuse and 4 A
(typ.) for the 12 V one.
•
In case of strong overload or short-circuit, the short-circuit current limit is activated and the current is
clamped to IShort_x: 1 A typ. on 5 V channel and 1.8 A typ. on 12 V channel.
STEF512GR
Device functional description
DS13212 - Rev 2
page 8/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com