Electronic Components Datasheet Search
  English  ▼

X  

STEF512GR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEF512GR
Description  Dual electronic fuse for 5 V and 12 V rails
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512GR Datasheet(HTML) 1 Page - STMicroelectronics

  STEF512GR Datasheet HTML 1Page - STMicroelectronics STEF512GR Datasheet HTML 2Page - STMicroelectronics STEF512GR Datasheet HTML 3Page - STMicroelectronics STEF512GR Datasheet HTML 4Page - STMicroelectronics STEF512GR Datasheet HTML 5Page - STMicroelectronics STEF512GR Datasheet HTML 6Page - STMicroelectronics STEF512GR Datasheet HTML 7Page - STMicroelectronics STEF512GR Datasheet HTML 8Page - STMicroelectronics STEF512GR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Features
•
5 V and 12 V channels into one chip
•
25 V absolute maximum input voltage
•
Precise output over voltage clamp
•
Fixed current limit: 3 A on 5 V, 4 A on 12 V
•
Latched-off thermal protection
•
Input undervoltage lockout
•
Adjustable output voltage slew-rate for each channel
•
Integrated 40 mΩ Power FETs
•
SAS disable pin
•
TSOT23-8L package
Applications
•
HDD and SSD drives
•
Set-top boxes
•
HDD and SSD array
Description
The STEF512GR is an integrated dual electronic fuse, designed to protect circuitry
on its output from overcurrent and overvoltage events, in those applications requiring
hot swap operation and in-rush current control.
The device embeds two independent electronic fuses, one for the 5 V rails and one
for the 12 V rails. Thanks to the very low ON-resistance of the integrated Power
FETs, the voltage drop from the main supply to the load is very low during normal
operations.
The start-up time can be adjusted by the user for each e-fuse, via two small soft-start
capacitors, connected to the relevant pins.
In this manner, the inrush current at startup can be kept under control.
The maximum load current is precisely limited, by utilizing a sense FET topology, to
factory-defined values.
The device also provides a precise overvoltage clamp for each channel, preventing
the load from being damaged by power supply failures, and undervoltage lockout
(UVLO), assuring that the input voltage is above the minimum operating threshold,
before the power device is turned on.
When an overload condition occurs, the STEF512GR limits the output current to the
predefined safe value. If the anomalous overload condition persists, the device goes
into thermal shutdown, the internal switch is opened and the load disconnected from
the power supply.
Maturity status link
STEF512GR
Dual electronic fuse for 5 V and 12 V rails
STEF512GR
Datasheet
DS13212 - Rev 2 - March 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STEF512GR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF512PUR STMICROELECTRONICS-STEF512PUR Datasheet
1Mb / 21P
Dual electronic fuse (eFuse) for 5 V and 12 V rails
21-Sep-2020
STEF512SRI STMICROELECTRONICS-STEF512SRI Datasheet
2Mb / 28P
Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
14-Feb-2023
STEF512SRIPUR STMICROELECTRONICS-STEF512SRIPUR Datasheet
2Mb / 28P
Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
14-Feb-2023
STEF512SRX STMICROELECTRONICS-STEF512SRX Datasheet
3Mb / 27P
Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
31-Jan-2022
STEF512SRXCPUR STMICROELECTRONICS-STEF512SRXCPUR Datasheet
3Mb / 27P
Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
31-Jan-2022
More results

Similar Description - STEF512GR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF05 STMICROELECTRONICS-STEF05 Datasheet
1Mb / 20P
Electronic fuse for 5 V line
06-Mar-2012
STEF12 STMICROELECTRONICS-STEF12 Datasheet
1Mb / 20P
Electronic fuse for 12 V line
14-Dec-2011
logo
List of Unclassifed Man...
STEF4SPUR ETC2-STEF4SPUR Datasheet
2Mb / 21P
Electronic fuse for 3.3 V and 5 V lines
logo
STMicroelectronics
STEF4S STMICROELECTRONICS-STEF4S Datasheet
641Kb / 22P
Electronic fuse for 3.3 V and 5 V lines
02-Dec-2014
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
Electronic fuse for 5 V line
19-Mar-2013
STEF512PUR STMICROELECTRONICS-STEF512PUR Datasheet
1Mb / 21P
Dual electronic fuse (eFuse) for 5 V and 12 V rails
21-Sep-2020
STEF512SRI STMICROELECTRONICS-STEF512SRI Datasheet
2Mb / 28P
Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
14-Feb-2023
STEF12E STMICROELECTRONICS-STEF12E Datasheet
2Mb / 19P
Electronic fuse for 12 V line
27-Jul-2022
STEF512SRX STMICROELECTRONICS-STEF512SRX Datasheet
3Mb / 27P
Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
31-Jan-2022
STEF12S STMICROELECTRONICS-STEF12S Datasheet
1Mb / 31P
Electronic fuse for 12 V line
28-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com