Electronic Components Datasheet Search
  English  ▼

X  

2N7002 Datasheet(PDF) 9 Page - Microchip Technology

Part # 2N7002
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

2N7002 Datasheet(HTML) 9 Page - Microchip Technology

Back Button 2N7002 Datasheet HTML 5Page - Microchip Technology 2N7002 Datasheet HTML 6Page - Microchip Technology 2N7002 Datasheet HTML 7Page - Microchip Technology 2N7002 Datasheet HTML 8Page - Microchip Technology 2N7002 Datasheet HTML 9Page - Microchip Technology 2N7002 Datasheet HTML 10Page - Microchip Technology 2N7002 Datasheet HTML 11Page - Microchip Technology 2N7002 Datasheet HTML 12Page - Microchip Technology 2N7002 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
3-Lead TO-236AB (SOT-23) Package Outline (K1/T)
2.90x1.30mm body, 1.12mm height (max), 1.90mm pitch
Symbol
A
A1
A2
b
D
E
E1
e
e1
L
L1
Dimension
(mm)
MIN
0.89
0.01
0.88
0.30
2.80
2.10
1.20
0.95
BSC
1.90
BSC
0.20
†
0.54
REF
0O
NOM
-
-
0.95
-
2.90
-
1.30
0.50
-
MAX
1.12
0.10
1.02
0.50
3.04
2.64
1.40
0.60
8O
JEDEC Registration TO-236, Variation AB, Issue H, Jan. 1999.
† This dimension differs from the JEDEC drawing.
Drawings not to scale.
View B
View A - A
Side View
Top View
View B
Gauge
Plane
Seating
Plane
0.25
L1
L
E1 E
D
3
1
2
e
e1
b
A
A
Seating
Plane
A
A2
A1
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.
 2018 Microchip Technology Inc.
DS20005797A-page 9
2N7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com