Electronic Components Datasheet Search
  English  ▼

X  

MHT1000H Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MHT1000H
Description  RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT1000H Datasheet(HTML) 2 Page - NXP Semiconductors

  MHT1000H Datasheet HTML 1Page - NXP Semiconductors MHT1000H Datasheet HTML 2Page - NXP Semiconductors MHT1000H Datasheet HTML 3Page - NXP Semiconductors MHT1000H Datasheet HTML 4Page - NXP Semiconductors MHT1000H Datasheet HTML 5Page - NXP Semiconductors MHT1000H Datasheet HTML 6Page - NXP Semiconductors MHT1000H Datasheet HTML 7Page - NXP Semiconductors MHT1000H Datasheet HTML 8Page - NXP Semiconductors MHT1000H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MHT1000HR5
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
1C
Machine Model (per EIA/JESD22--A115)
A
Charge Device Model (per JESD22--C101)
III
Table 4. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS =68 Vdc, VGS =0 Vdc)
IDSS
—
—
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =28 Vdc, VGS =0 Vdc)
IDSS
—
—
1
Adc
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
—
—
500
nAdc
On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID = 300 Adc)
VGS(th)
1
2
3
Vdc
Gate Quiescent Voltage
(VDD =28 Vdc, ID = 1300 mAdc, Measured in Functional Test)
VGS(Q)
2
2.8
4
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID =3 Adc)
VDS(on)
0.1
0.21
0.3
Vdc
Dynamic Characteristics (1)
Reverse Transfer Capacitance
(VDS =28 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
—
2
—
pF
Functional Tests (In Freescale Test Fifxture, 50 ohm system) VDD =28 Vdc, IDQ = 1300 mA, Pout = 28 W Avg., f = 2390 MHz, 2--Carrier
W--CDMA, 3.84 MHz Channel Bandwidth Carriers. ACPR measured in 3.84 MHz Channel Bandwidth @ 5 MHz Offset. IM3 measured in
3.84 MHz Bandwidth @ 10 MHz Offset. Input Signal PAR = 8.5 dB @ 0.01% Probability on CCDF.
Power Gain
Gps
13
15.2
17
dB
Drain Efficiency
D
23
25
—
%
Intermodulation Distortion
IM3
—
--37
--35
dBc
Adjacent Channel Power Ratio
ACPR
—
--40
--38
dBc
Input Return Loss
IRL
—
--15
—
dB
1. Part internally matched both on input and output.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com