Electronic Components Datasheet Search
  English  ▼

X  

MHT1000H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MHT1000H
Description  RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT1000H Datasheet(HTML) 3 Page - NXP Semiconductors

  MHT1000H Datasheet HTML 1Page - NXP Semiconductors MHT1000H Datasheet HTML 2Page - NXP Semiconductors MHT1000H Datasheet HTML 3Page - NXP Semiconductors MHT1000H Datasheet HTML 4Page - NXP Semiconductors MHT1000H Datasheet HTML 5Page - NXP Semiconductors MHT1000H Datasheet HTML 6Page - NXP Semiconductors MHT1000H Datasheet HTML 7Page - NXP Semiconductors MHT1000H Datasheet HTML 8Page - NXP Semiconductors MHT1000H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MHT1000HR5
3
RF Device Data
Freescale Semiconductor, Inc.
Figure 1. MHT1000HR5 Test Circuit Schematic — 2450 MHz
Z9
0.193 x 1.170 Microstrip
Z10
0.115 x 0.550 Microstrip
Z11
0.250 x0.110 Microstrip
Z12
0.538 x 0.068 Microstrip
Z13
0.957 x 0.068 Microstrip
Z14, Z15
0.673 x 0.095 Microstrip
PCB
Taconic RF--35 0.030, r =3.5
Z1
0.678 x 0.068 Microstrip
Z2
0.466 x 0.068 Microstrip
Z3
0.785 x 0.200 Microstrip
Z4
0.200 x 0.530 Microstrip
Z5
0.025 x 0.530 Microstrip
Z6, Z7
0.178 x 0.050 Microstrip
Z8
0.097 x 1.170 Microstrip
Z1
RF
INPUT
C1
Z2
Z3
Z4
Z5
DUT
Z8
C2
RF
OUTPUT
Z9
Z10
Z11
Z12
Z13
C7
B1
VBIAS
VSUPPLY
C9
+
C10
+
R1
C3
Z6
Z7
C4
B2
C13
+
C14
+
C11
C19 C20
C6
C21
C22
+
Z14
C15 C16
C5
C17
C18
+
Z15
C8
C12
Table 5. MHT1000HR5 Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
B1, B2
47 , 100 MHz Short Ferrite Beads, Surface Mount
2743019447
Fair--Rite
C1, C2, C3, C4, C5, C6
5.6 pF Chip Capacitors
ATC600B5R6BT500XT
ATC
C7, C11
0.01 F, 100 V Chip Capacitors
C1825C103J1RAC
Kemet
C8, C12, C15, C19
2.2 F, 50 V Chip Capacitors
C1825C225J5RAC
Kemet
C9, C13
22 F, 25 V Tantalum Capacitors
T491D226M025AT
Kemet
C10, C14
47 F, 16 V Tantalum Capacitors
T491D476K016AT
Kemet
C16, C17, C20, C21
10 F, 50 V Chip Capacitors
GRM55DR61H106KA88B
Murata
C18, C22
220 F, 50 V Electrolytic Capacitors
2222--150--95102
Vishay
R1
240 , 1/4 W Chip Resistor
CRC12062400FKEA
Vishay



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com