Electronic Components Datasheet Search
  English  ▼

X  

MHT1000H Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MHT1000H
Description  RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT1000H Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MHT1000H Datasheet HTML 2Page - NXP Semiconductors MHT1000H Datasheet HTML 3Page - NXP Semiconductors MHT1000H Datasheet HTML 4Page - NXP Semiconductors MHT1000H Datasheet HTML 5Page - NXP Semiconductors MHT1000H Datasheet HTML 6Page - NXP Semiconductors MHT1000H Datasheet HTML 7Page - NXP Semiconductors MHT1000H Datasheet HTML 8Page - NXP Semiconductors MHT1000H Datasheet HTML 9Page - NXP Semiconductors MHT1000H Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
MHT1000HR5
Zo =10 
Zload
Zsource
f = 2450 MHz
f = 2450 MHz
VDD =28Vdc,IDQ = 1200 mA, Pout = 140 W CW
f
MHz
Zsource
Zload
2450
4.55 + j4.9
1.64 -- j6.57
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Figure 6. Series Equivalent Source and Load Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com