Electronic Components Datasheet Search
  English  ▼

X  

LPC47B37X Datasheet(PDF) 13 Page - SMSC Corporation

Part # LPC47B37X
Description  100 Pin Enhanced Super I/O for LPC Bus with SMBus Controller for Commercial Applications
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B37X Datasheet(HTML) 13 Page - SMSC Corporation

Back Button LPC47B37X Datasheet HTML 9Page - SMSC Corporation LPC47B37X Datasheet HTML 10Page - SMSC Corporation LPC47B37X Datasheet HTML 11Page - SMSC Corporation LPC47B37X Datasheet HTML 12Page - SMSC Corporation LPC47B37X Datasheet HTML 13Page - SMSC Corporation LPC47B37X Datasheet HTML 14Page - SMSC Corporation LPC47B37X Datasheet HTML 15Page - SMSC Corporation LPC47B37X Datasheet HTML 16Page - SMSC Corporation LPC47B37X Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 254 page
background image
13
Indication of 32kHz Clock
There is a bit to indicate whether or not the
32kHz
clock
input
is
connected
to
the
LPC47B37x. This bit is located at bit 0 of the
CLOCKI32 register at 0xF0 in Logical Device A.
This register is powered by VTR and reset on a
VTR POR.
Bit[0] (CLK32_PRSN) is defined as follows:
0=32kHz clock is connected to the CLKI32 pin
(default).
1=32kHz clock is not connected to the CLKI32
pin (pin is grounded).
Bit 0 controls the source of the 32kHz (nominal)
clock for the fan tachometer logic, the LED blink
logic, the WDT and the “wake on specific key”
logic.
When the external 32kHz clock is
connected, that will be the source for the fan
tachometer, LED, WDT and “wake on specific
key” logic. When the external 32kHz clock is not
connected, an internal 32kHz clock source will
be derived from the 14MHz clock for the fan
tachometer, LED, WDT and “wake on specific
key” logic.
The following functions will not work under VTR
power (VCC removed) if the external 32kHz
clock is not connected. These functions will work
under VCC power even if the external 32kHz
clock is not connected.
•
Fan tachometer
•
Wake on specific key
•
LED blink
•
WDT
Trickle Power Functionality
When the LPC47B37x is running under VTR
only, the PME wakeup events are active and (if
enabled) able to assert the nIO_PME pin active
low. The following lists the wakeup events:
•
UART 1 Ring Indicator
•
UART 2 Ring Indicator
•
Keyboard data
•
Mouse data
•
Wake on Specific Key Logic
•
Fan Tachometer (Note)
•
GPIOs for wakeup. See below.
Note:
The Fan Tachometer can generate a
PME when VCC=0. Clear the enable bits for the
fan tachometer before removing fan power.
The following requirements apply to all I/O pins
that are specified to be 5 volt tolerant.
•
I/O
buffers
that
are
wake-up
event
compatible are powered by VCC.
Under
VTR power (VCC=0), these pins may only
be configured as inputs. These pins have
input buffers into the wakeup logic that are
powered by VTR.
•
I/O buffers that may be configured as either
push-pull or open drain under VTR power
(VCC=0), are powered by VTR. This means
they will, at a minimum, source their
specified current from VTR even when VCC
is present.
The GPIOs that are used for PME wakeup inputs
are
GP10-GP17,
GP20-GP27,
GP30-GP37,
GP41, GP43, GP50-GP57, GP60, GP61. These
GPIOs function as follows (with the exception of
GP53, GP60 and GP61 - see below):
•
Buffers are powered by VCC, but in the
absence
of
VCC
they
are
backdrive
protected (they do not impose a load on any
external VTR powered circuitry). They are
wakeup compatible as inputs under VTR
power. These pins have input buffers into
the wakeup logic that are powered by VTR.
All GPIOs listed above are for PME wakeup as a
GPIO function (or alternate function). Note that
GP33 cannot be used for wakeup under VTR
power (VCC=0) since this is the fan control pin
which comes up as output and low following a
VCC POR and Hard Reset.
GP53 cannot be
used for wakeup under VTR power since this has
the IRTX function and comes up as output and
low following a VTR POR, a VCC POR and Hard
Reset. Also, GP33 reverts to its non-inverting
GPIO output function when VCC is removed
from the part. GP43 reverts to the basic GPIO
function when VCC is removed form the part, but
its programmed input/output, invert/non-invert
output buffer type is retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com