Electronic Components Datasheet Search
  English  ▼

X  

LPC47B37X Datasheet(PDF) 39 Page - SMSC Corporation

Part # LPC47B37X
Description  100 Pin Enhanced Super I/O for LPC Bus with SMBus Controller for Commercial Applications
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B37X Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LPC47B37X Datasheet HTML 35Page - SMSC Corporation LPC47B37X Datasheet HTML 36Page - SMSC Corporation LPC47B37X Datasheet HTML 37Page - SMSC Corporation LPC47B37X Datasheet HTML 38Page - SMSC Corporation LPC47B37X Datasheet HTML 39Page - SMSC Corporation LPC47B37X Datasheet HTML 40Page - SMSC Corporation LPC47B37X Datasheet HTML 41Page - SMSC Corporation LPC47B37X Datasheet HTML 42Page - SMSC Corporation LPC47B37X Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 254 page
background image
39
The FDC generates a DMA request cycle when entering the execution phase of the data transfer
commands. The DMA controller responds by placing data in the FIFO. The DMA request remains active
until the FIFO becomes full. The DMA request cycle is reasserted when the FIFO has <threshold> bytes
remaining in the FIFO. The FDC will terminate the DMA cycle after a TC, indicating that no more data is
required.
Data Transfer Termination
The FDC supports terminal count explicitly through the TC cycle and implicitly through the
underrun/overrun and end-of-track (EOT) functions. For full sector transfers, the EOT parameter can
define the last sector to be transferred in a single or multi-sector transfer.
If the last sector to be transferred is a partial sector, the host can stop transferring the data in mid-sector,
and the FDC will continue to complete the sector as if a TC cycle was received. The only difference
between these implicit functions and TC cycle is that they return "abnormal termination" result status.
Such status indications can be ignored if they were expected.
Note that when the host is sending data to the FIFO of the FDC, the internal sector count will be complete
when the FDC reads the last byte from its side of the FIFO. There may be a delay in the removal of the
transfer request signal of up to the time taken for the FDC to read the last 16 bytes from the FIFO. The
host must tolerate this delay.
Result Phase
The generation of the interrupt determines the beginning of the result phase. For each of the commands,
a defined set of result bytes has to be read from the FDC before the result phase is complete. These
bytes of data must be read out for another command to start.
RQM and DIO must both equal "1" before the result bytes may be read. After all the result bytes have
been read, the RQM and DIO bits switch to "1" and "0" respectively, and the CB bit is cleared, indicating
that the FDC is ready to accept the next command.
Command Set/Descriptions
Commands can be written whenever the FDC is in the command phase. Each command has a unique
set of needed parameters and status results. The FDC checks to see that the first byte is a valid
command and, if valid, proceeds with
the command. If it is invalid, an interrupt is issued. The user
sends a Sense Interrupt Status command which returns an invalid command error. Refer to Table 16
for explanations of the various symbols used. Table 17 lists the required parameters and the results
associated with each command that the FDC is capable of performing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com