Electronic Components Datasheet Search
  English  ▼

X  

LPC47B37X Datasheet(PDF) 9 Page - SMSC Corporation

Part # LPC47B37X
Description  100 Pin Enhanced Super I/O for LPC Bus with SMBus Controller for Commercial Applications
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B37X Datasheet(HTML) 9 Page - SMSC Corporation

Back Button LPC47B37X Datasheet HTML 5Page - SMSC Corporation LPC47B37X Datasheet HTML 6Page - SMSC Corporation LPC47B37X Datasheet HTML 7Page - SMSC Corporation LPC47B37X Datasheet HTML 8Page - SMSC Corporation LPC47B37X Datasheet HTML 9Page - SMSC Corporation LPC47B37X Datasheet HTML 10Page - SMSC Corporation LPC47B37X Datasheet HTML 11Page - SMSC Corporation LPC47B37X Datasheet HTML 12Page - SMSC Corporation LPC47B37X Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 254 page
background image
9
PIN #
NAME
FUNCTION
BUFFER
TYPE
BUFFER TYPE PER
FUNCTION (NOTE 1)
95
GP52 /RXD2/IRRX
General Purpose I/O /Receive
Data 2/IRRX
IS/O8
(IS/O8/OD8)/IS/IS
96
GP53 /TXD2/IRTX
General Purpose I/O /Transmit
Data 2/IRTX
(Note 5)
IO12
(I/O12/OD12)/O12/O
12
97
GP54 /nDSR2
General Purpose I/O /Data Set
Ready 2
IO8
(I/O8/OD8)/I
98
GP55/nRTS2
General Purpose I/O /Request
to Send 2
IO8
(I/O8/OD8)/O8
99
GP56/nCTS2
General Purpose I/O /Clear to
Send 2
IO8
(I/O8/OD8)/I
100
GP57/nDTR2
General Purpose I/O /Data
Terminal Ready 2
IO8
(I/O8/OD8)/O8
POWER PINS
53, 65,
93
VCC
+3.3 Volt Supply Voltage
18
VTR
+3.3 Volt Standby Supply
Voltage (Note 6)
7, 31,
60, 76
VSS
Ground
CLOCK PINS
6
CLKI32
32.768kHz Standby Clock
Input (Note 3)
IS
IS
19
CLOCKI
14.318MHz Clock Input
IS
IS
Note:
The "n" as the first letter of a signal name indicates an "Active Low" signal.
Note 1: Buffer types per function on multiplexed pins are separated by a slash “/”. Buffer types in
parenthesis represent multiple buffer types for a single pin function.
Note 2: The nLPCPD pin may be tied high.
The LPC interface will function properly if the
nPCI_RESET signal follows the protocol defined for the nLRESET signal in the “Low Pin Count
Interface Specification”.
Note 3: If the 32kHz input clock is not used the CLKI32 pin must be grounded. There is a bit in the
configuration register at 0xF0 in Logical Device A that indicates whether or not the 32KHz
clock is connected. This bit determines the clock source for the fan tachometer, LED and
“wake on specific key” logic. Set this bit to ‘1’ if the clock is not connected.
Note 4: The fan control pin (FAN) comes up as output and low following a VCC POR and Hard Reset.
This pin reverts to its non-inverting General Purpose I/O output function when VCC is removed
from the part.
Note 5: The GP53/TXD2/IRTX pin is an output and low when the part is under VTR power (VCC=0).
The pin comes up as output and low following a VCC POR and Hard Reset.
Note 6: VTR can be connected to VCC if no wakeup functionality is required.
Note 7: The GP24/SYSOPT pin requires an external pulldown resistor to put the base I/O address for
configuration at 0x02E.
An external pullup resistor is required to move the base I/O address
for configuration to 0x04E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com