Electronic Components Datasheet Search
  English  ▼

X  

2321981 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 2321981
Description  Passive module - FLKM-2KS40/PMT/ST/YCS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2321981 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  2321981 Datasheet HTML 1Page - PHOENIX CONTACT 2321981 Datasheet HTML 2Page - PHOENIX CONTACT 2321981 Datasheet HTML 3Page - PHOENIX CONTACT 2321981 Datasheet HTML 4Page - PHOENIX CONTACT 2321981 Datasheet HTML 5Page - PHOENIX CONTACT 2321981 Datasheet HTML 6Page - PHOENIX CONTACT 2321981 Datasheet HTML 7Page - PHOENIX CONTACT 2321981 Datasheet HTML 8Page - PHOENIX CONTACT 2321981 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
https://www.phoenixcontact.com/us/products/2321981
08/29/2016   Page 5 / 20
Passive module - FLKM-2KS40/PMT/ST/YCS - 2321981
Dimensional drawing
181
X10
1A
2A
3A
4A
5A
6A
7A
8A
1+
2+
3+
4+
5+
6+
7+
8+
1B
2B
3B
4B
5B
6B
7B
8B
1-
2-
3-
4-
5-
6-
7-
8-
1A
2A
3A
4A
5A
6A
7A
8A
1+
2+
3+
4+
5+
6+
7+
8+
1B
2B
3B
4B
5B
6B
7B
8B
1-
2-
3-
4-
5-
6-
7-
8-
1
X1A
39
40
2
1
X1B
39
40
2
Connection to AAI 841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com