Electronic Components Datasheet Search
  English  ▼

X  

2321981 Datasheet(PDF) 17 Page - PHOENIX CONTACT

Part # 2321981
Description  Passive module - FLKM-2KS40/PMT/ST/YCS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2321981 Datasheet(HTML) 17 Page - PHOENIX CONTACT

Back Button 2321981 Datasheet HTML 12Page - PHOENIX CONTACT 2321981 Datasheet HTML 13Page - PHOENIX CONTACT 2321981 Datasheet HTML 14Page - PHOENIX CONTACT 2321981 Datasheet HTML 15Page - PHOENIX CONTACT 2321981 Datasheet HTML 16Page - PHOENIX CONTACT 2321981 Datasheet HTML 17Page - PHOENIX CONTACT 2321981 Datasheet HTML 18Page - PHOENIX CONTACT 2321981 Datasheet HTML 19Page - PHOENIX CONTACT 2321981 Datasheet HTML 20Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
https://www.phoenixcontact.com/us/products/2321981
08/29/2016   Page 17 / 20
Passive module - FLKM-2KS40/PMT/ST/YCS - 2321981
Accessories
Front adapters - FLK 40-PA/EZ-DR/HF/KS/ 200/YUC - 2904748
Cast front adapter with attached, halogen-free round cable and a 40-pos. socket strip injection-molded on both sides for
the connection of Yokogawa controllers. Cable length: 2.0 m
 
 
Front adapters - FLK 40-PA/EZ-DR/HF/KS/ 300/YUC - 2904749
Cast front adapter with attached, halogen-free round cable and a 40-pos. socket strip injection-molded on both sides for
the connection of Yokogawa controllers. Cable length: 3.0 m
 
 
Front adapters - FLK 40-PA/EZ-DR/HF/KS/ 400/YUC - 2904750
Cast front adapter with attached, halogen-free round cable and a 40-pos. socket strip injection-molded on both sides for
the connection of Yokogawa controllers. Cable length: 4.0 m
 
 
Front adapters - FLK 40-PA/EZ-DR/HF/KS/ 500/YUC - 2904645
Cast front adapter with attached, halogen-free round cable and a 40-pos. socket strip injection-molded on both sides for
the connection of Yokogawa controllers. Cable length: 5.0 m
 
 
Front adapters - FLK 40-PA/EZ-DR/HF/KS/ 600/YUC - 2904751
Cast front adapter with attached, halogen-free round cable and a 40-pos. socket strip injection-molded on both sides for
the connection of Yokogawa controllers. Cable length: 60.0 m
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com