Electronic Components Datasheet Search
  English  ▼

X  

2321981 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 2321981
Description  Passive module - FLKM-2KS40/PMT/ST/YCS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2321981 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 2321981 Datasheet HTML 5Page - PHOENIX CONTACT 2321981 Datasheet HTML 6Page - PHOENIX CONTACT 2321981 Datasheet HTML 7Page - PHOENIX CONTACT 2321981 Datasheet HTML 8Page - PHOENIX CONTACT 2321981 Datasheet HTML 9Page - PHOENIX CONTACT 2321981 Datasheet HTML 10Page - PHOENIX CONTACT 2321981 Datasheet HTML 11Page - PHOENIX CONTACT 2321981 Datasheet HTML 12Page - PHOENIX CONTACT 2321981 Datasheet HTML 13Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
https://www.phoenixcontact.com/us/products/2321981
08/29/2016   Page 9 / 20
Passive module - FLKM-2KS40/PMT/ST/YCS - 2321981
Circuit diagram
Field
X10
X1B
Ch.
1B
2B
3B
4B
5B
6B
7B
8B
AAI841
1A
2A
3A
4A
5A
6A
7A
8A
X1A
39
37
35
33
31
29
27
25
23
21
19
17
15
13
11
9
39
37
35
33
31
29
27
25
23
21
19
17
15
13
11
9
40
38
36
34
32
30
28
26
24
22
20
18
16
14
12
10
40
38
36
34
32
30
28
26
24
22
20
18
16
14
12
10
2
1
2
1
CBSE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1-
2-
3-
4-
5-
6-
7-
8-
1+
2+
3+
4+
5+
6+
7+
8+
Connection to AAI 841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com