Electronic Components Datasheet Search
  English  ▼

X  

1840586 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1840586
Description  Base strip - DFK-PC 4/ 5-GF-7,62
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1840586 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1840586 Datasheet HTML 1Page - PHOENIX CONTACT 1840586 Datasheet HTML 2Page - PHOENIX CONTACT 1840586 Datasheet HTML 3Page - PHOENIX CONTACT 1840586 Datasheet HTML 4Page - PHOENIX CONTACT 1840586 Datasheet HTML 5Page - PHOENIX CONTACT 1840586 Datasheet HTML 6Page - PHOENIX CONTACT 1840586 Datasheet HTML 7Page - PHOENIX CONTACT 1840586 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
https://www.phoenixcontact.com/us/produkte/1840586
19.10.2012   Page 3 / 8
Base strip - DFK-PC 4/ 5-GF-7,62 - 1840586
Technical data
Connection data
2 conductors with same cross section, stranded, TWIN ferrules
with plastic sleeve, max.
2.5 mm²
Minimum AWG according to UL/CUL
30
Maximum AWG according to UL/CUL
10
Classifications
eclass
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27141190
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
etim
ETIM 3.0
EC001283
ETIM 4.0
EC001283
ETIM 5.0
EC001283
unspsc
UNSPSC 6.01
30211810
UNSPSC 7.0901
39121409
UNSPSC 11
39121409
UNSPSC 12.01
39121409
UNSPSC 13.2
39121409
Approvals
Approvals
Approvals
CSA / UL Recognized / cUL Recognized / GOST / LR / GL / DNV / GOST / cULus Recognized
Ex Approvals
Approvals submitted
Approval details



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com