Electronic Components Datasheet Search
  English  ▼

X  

1840586 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1840586
Description  Base strip - DFK-PC 4/ 5-GF-7,62
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1840586 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1840586 Datasheet HTML 1Page - PHOENIX CONTACT 1840586 Datasheet HTML 2Page - PHOENIX CONTACT 1840586 Datasheet HTML 3Page - PHOENIX CONTACT 1840586 Datasheet HTML 4Page - PHOENIX CONTACT 1840586 Datasheet HTML 5Page - PHOENIX CONTACT 1840586 Datasheet HTML 6Page - PHOENIX CONTACT 1840586 Datasheet HTML 7Page - PHOENIX CONTACT 1840586 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
https://www.phoenixcontact.com/us/produkte/1840586
19.10.2012   Page 4 / 8
Base strip - DFK-PC 4/ 5-GF-7,62 - 1840586
Approvals
CSA 
 
B
C
mm²/AWG/kcmil
28-10
28-10
Nominal current IN
20 A
20 A
Nominal voltage UN
300 V
300 V
UL Recognized 
 
B
C
D
mm²/AWG/kcmil
30-10
30-10
30-10
Nominal current IN
35 A
35 A
5 A
Nominal voltage UN
300 V
300 V
600 V
cUL Recognized 
 
B
C
D
mm²/AWG/kcmil
30-10
30-10
30-10
Nominal current IN
35 A
35 A
5 A
Nominal voltage UN
300 V
300 V
600 V
GOST 
LR 
 
 
mm²/AWG/kcmil
4
Nominal current IN
20 A
Nominal voltage UN
400 V
GL 
 
 
Nominal current IN
20 A
Nominal voltage UN
400 V
DNV 



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com