Electronic Components Datasheet Search
  English  ▼

X  

1840586 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1840586
Description  Base strip - DFK-PC 4/ 5-GF-7,62
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1840586 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1840586 Datasheet HTML 1Page - PHOENIX CONTACT 1840586 Datasheet HTML 2Page - PHOENIX CONTACT 1840586 Datasheet HTML 3Page - PHOENIX CONTACT 1840586 Datasheet HTML 4Page - PHOENIX CONTACT 1840586 Datasheet HTML 5Page - PHOENIX CONTACT 1840586 Datasheet HTML 6Page - PHOENIX CONTACT 1840586 Datasheet HTML 7Page - PHOENIX CONTACT 1840586 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
https://www.phoenixcontact.com/us/produkte/1840586
19.10.2012   Page 5 / 8
Base strip - DFK-PC 4/ 5-GF-7,62 - 1840586
Approvals
GOST 
cULus Recognized 
Accessories
Accessories
Assembly
Screw set - DFK-MSTB-SS - 0708263
Screw set, for securing the header to the device wall, consists of an M3 x 10 screw, with a spring washer
and a nut
 
 
Marking
Marker cards - SK 7,62/3,8:FORTL.ZAHLEN - 0804549
Marker cards, Card, white, labeled, Horizontal: Consecutive numbers 1 - 10, 11 - 20, etc. up to 91 - 100,
Mounting type: Adhesive, For terminal block width: 7.62 mm
 
 
Plug/Adapter
Coding profile - CP-HCC 4 - 1600027
Coding profile, Color: red
 
 
Tools



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com