Electronic Components Datasheet Search
  English  ▼

X  

AD5570 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5570
Description  True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5570 Datasheet(HTML) 4 Page - Analog Devices

  AD5570 Datasheet HTML 1Page - Analog Devices AD5570 Datasheet HTML 2Page - Analog Devices AD5570 Datasheet HTML 3Page - Analog Devices AD5570 Datasheet HTML 4Page - Analog Devices AD5570 Datasheet HTML 5Page - Analog Devices AD5570 Datasheet HTML 6Page - Analog Devices AD5570 Datasheet HTML 7Page - Analog Devices AD5570 Datasheet HTML 8Page - Analog Devices AD5570 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5570
Rev. 0 | Page 4 of 24
A/W Grade1, 2
B/Y Grade2
Parameter
Min
Typ3
Max
Min
Typ3
Max
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD/VSS
*
*
±11.4
±16.5
V
IDD
*
4
5
mA
VOUT unloaded
ISS
*
3.5
5
mA
VOUT unloaded
Power-Down Current
*
16
µA
VOUT unloaded
Power Supply Sensitivity6
*
0.1
LSB/V
±15 V supplies ±10%;
full scale loaded
Power Dissipation
*
100
mW
VOUT unloaded
1 Asterisk (*) = specifications same as B/Y grade.
2 Temperature range: A and B = −40°C to +85°C; W and Y = –40°C to +125°C.
3 Typical specifications at ±12 V/±15 V, 25°C.
4 Guaranteed by design.
5 Warmup time is required for the device to reach thermal equilibrium, thus achieving rated performance.
6 Sensitivity of negative full-scale error and positive full-scale error to VDD, VSS variations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com