Electronic Components Datasheet Search
  English  ▼

X  

AD5570 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5570
Description  True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5570 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5570 Datasheet HTML 9Page - Analog Devices AD5570 Datasheet HTML 10Page - Analog Devices AD5570 Datasheet HTML 11Page - Analog Devices AD5570 Datasheet HTML 12Page - Analog Devices AD5570 Datasheet HTML 13Page - Analog Devices AD5570 Datasheet HTML 14Page - Analog Devices AD5570 Datasheet HTML 15Page - Analog Devices AD5570 Datasheet HTML 16Page - Analog Devices AD5570 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD5570
Rev. 0 | Page 13 of 24
REFERENCE VOLTAGE (V)
2.0
–5.0
–2.5
0
2.5
5.0
10.0
7.5
4.5
4.0
3.5
3.0
2.5
5.0
5.5
VDD/VSS = ±15V OR ±12V
TA = 25°C
Figure 18. TUE Error vs. Reference Voltage
REFERENCE VOLTAGE (V)
2.0
2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
3.5
3.0
5.0
5.5
6.0
4.5
4.0
6.5
VDD/VSS = ±15V
TA = 25°C
Figure 19. Integral Nonlinearity Error vs. Reference Voltage, ± 15 V Supplies
REFERENCE VOLTAGE (V)
2.0
2.5
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
3.5
3.0
5.0
5.5
6.0
4.5
4.0
6.5
VDD/VSS = ±15V
TA = 25°C
Figure 20. Differential Nonlinearity Error vs. Reference Voltage,
± 15 V Supplies
VDD/VSS (V)
|ISS|
11.4
2.0
2.5
3.0
3.5
4.0
5.0
4.5
14.4
13.4
12.4
15.4
16.4
|IDD|
TA = 25°C
REFIN = 5V
Figure 21. IDD/ISS vs.VDD/VSS
IDD/ISS (V)
11.4
0
5
10
15
25
20
14.4
13.4
12.4
15.4
16.4
|ISS IN POWER-DOWN|
|IDD IN POWER-DOWN|
TA = 25°C
REFIN = 5V
Figure 22. IDD/ISS in Power-Down vs. Supply Voltage
TEMPERATURE (°C)
–40
–10
–9
–8
–7
–6
–5
–4
0
–1
–3
–2
100
80
60
40
20
0
–20
120
VDD/VSS = ±12V OR ±15V
REFIN = 5V
Figure 23. Offset Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com