Electronic Components Datasheet Search
  English  ▼

X  

AD5570 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5570
Description  True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5570 Datasheet(HTML) 3 Page - Analog Devices

  AD5570 Datasheet HTML 1Page - Analog Devices AD5570 Datasheet HTML 2Page - Analog Devices AD5570 Datasheet HTML 3Page - Analog Devices AD5570 Datasheet HTML 4Page - Analog Devices AD5570 Datasheet HTML 5Page - Analog Devices AD5570 Datasheet HTML 6Page - Analog Devices AD5570 Datasheet HTML 7Page - Analog Devices AD5570 Datasheet HTML 8Page - Analog Devices AD5570 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD5570
Rev. 0 | Page 3 of 24
SPECIFICATIONS
VDD = +11.4 V to +16.5 V; VSS = −11.4 V to −16.5 V; VREF = 5 V; REFGND = GND = 0 V; RL = 5 kΩ and CL = 200 pF to GND; all
specifications TMIN to TMAX, unless otherwise noted.
Table 1.
A/W Grade1, 2
B/Y Grade2
Parameter
Min
Typ3
Max
Min
Typ3
Max
Unit
Test Conditions/Comments
ACCURACY
Resolution
*
16
Bits
Monotonicity
*
16
Bits
Relative Accuracy (INL)
±0.6
±0.4
±1
LSB
At 25°C
±0.6
±2
−1
±0.4
+1.25
LSB
Differential Nonlinearity
(DNL)
*
*
*
−1
±0.3
+1
LSB
Negative Full-Scale Error
*
*
±0.9
±7.5
mV
Full-Scale Error
*
*
±1.8
± 6
mV
Bipolar Zero Error
*
*
±0.9
±7.5
mV
Gain Error
*
*
±1.8
±7.5
mV
Gain Temperature
Coefficient4
*
*
0.25
±1.5
ppm
FSR/°C
REFERENCE INPUT
Reference Input Range4
*
*
*
4
5
5
V
With ±11.4 V supplies
*
*
*
4
5
7
V
With ±16.5 V supplies
Input Current
*
±0.1
µA
OUTPUT CHARACTERISTICS4
Output Voltage Range
*
*
VSS + 1.4 V
VDD − 1.4 V
V
±11.4 V supplies
*
*
VSS + 2.5 V
VDD − 2.5 V
V
±16.5 V supplies
Output Voltage Settling Time
*
*
12
16
µs
At 16 bits to ±0.5 LSB
*
*
10
13
µs
To 0.003%
*
*
6
7
µs
512 LSB code change
Slew Rate
*
6.5
V/µs
Measured from 10% to 90%
Digital-to-Analog Glitch
Impulse
*
15
nV-s
±12 V supplies; 1 LSB change
around the major carry
Bandwidth
*
20
kHz
Short Circuit Current
*
25
mA
Output Noise Voltage Density
*
85
nV/Hz
f = 1 kHz; midscale loaded
DAC Output Impedance4
*
*
0.35
0.5
Ω
Digital Feedthrough
*
0.5
nV-s
WARMUP TIME5
*
12
s
LOGIC INPUTS
Input Current
*
±0.1
µA
VINH, Input High Voltage
*
2
V
VINL, Input Low Voltage
*
0.8
V
CIN, Input Capacitance4
*
3
pF
LOGIC OUTPUTS
VOL, Output Low Voltage
*
0.4
V
ISINK = 1 mA
Floating-State Output
Capacitance
*
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com