Electronic Components Datasheet Search
  English  ▼

X  

F730 Datasheet(PDF) 1 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # F730
Description  6A 400V N-channel Enhancement Mode Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

F730 Datasheet(HTML) 1 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

  F730 Datasheet HTML 1Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F730 Datasheet HTML 2Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F730 Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F730 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F730 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F730 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F730 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F730 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F730 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Jiangsu Donghai Semiconductor Technology CO.,LTD.
Rev. 1.0
Page 1 of 12
730/F730/I730/
E730/B730/D730
6A 400V N-channel Enhancement Mode Power MOSFET
4 Electrical Characteristics
4.1 Absolute Maximum Rating(Tc=25℃,unless otherwise noted)
Parameter
Symbol
Rating
Units
730/I730/E730
B730/D730
F730
Drian-to-Source Voltage
VDSS
400
V
Gate-to-Source Voltage
VGSS
±30
V
Continuous Drain Current
TC=25℃
ID
6
A
TC=100℃
4.2
A
Pulsed Drain Current(1)
IDM
24
A
Single Pulse Avalanche Energy(4)
EAS
200
mJ
Repetitive Avalanche Energy(4)
EAR
26
mJ
Repetitive Avalanche Current(4)
IAR
2.3
A
Peak Diode Recovery dv/dt(5)
dv/dt
5
V/ns
Power Dissipation
Ta=25℃
Ptot
2.0
2.0
W
TC=25℃
Ptot
75
30
W
Gate-Source ESD
(HBM-C=100pF,R=1.5KΩ)
VESD(G-S)
3000
V
Isolation Voltage
VISO
/
2500
V
Junction Temperature
Tj
-55~150
℃
storage Temperature
Tstg
-55~150
℃
Maximum Temperature for soldering
TL
300
℃
4.2 Thermal Characteristics
Parameter
Symbol
Rating
Unit
730/I730/E730
B730/D730
F730
Thermal Resistance,Junction to Case-sink
RthJC
1.67
4.17
℃
/W
Thermal Resistance,Junction to Ambient
RthJA
62.5
62.5
℃
/W
1 Description
These N-channel enhanced vdmosfets, is obtained by the
self-aligned planar technology which reduce the conduction
loss, improve switching performance and enhance the
avalanche energy. Which accords with the RoHS standard.
2 Features
● Fast switching
● Low on-state resistance(Rdson≤1
Ω)
● Low gate charge(Typ: 14.5nC)
● Low reverse transfer capacitances(Typ: 7.5pF)
● 100% single pulse avalanche energy test
● 100% ΔVDS test
3 Applications
● Used in various power switching circuit for system
miniaturization and higher efficiency.
● Power switch circuit of electron ballast and adaptor.
VDSS = 400V
RDS(on) (TYP)= 0.75Ω
ID = 6A
TO-220C
TO-220F
TO-262
TO-263
TO-252B TO-251B


Similar Part No. - F730

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
F73-5-M PANDUIT-F73-5-M Datasheet
84Kb / 2P
Ferrules, Non-Insulated
F73-7-M PANDUIT-F73-7-M Datasheet
84Kb / 2P
Ferrules, Non-Insulated
logo
International Rectifier
F7313 IRF-F7313 Datasheet
210Kb / 7P
GENERATION V TECHNOLOGY
logo
Feinmetall GmbH
F732 FEINMETALL-F732 Datasheet
680Kb / 4P
Standard Probe 100 mil
F733 FEINMETALL-F733 Datasheet
680Kb / 4P
Standard Probe 100 mil
More results

Similar Description - F730

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H9926S HSMC-H9926S Datasheet
45Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
H9926TS HSMC-H9926TS Datasheet
44Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
logo
Pan Jit International I...
PJP730 PANJIT-PJP730 Datasheet
217Kb / 6P
400V N-Channel Enhancement Mode MOSFET
logo
SeCoS Halbleitertechnol...
SGM3055 SECOS-SGM3055_11 Datasheet
778Kb / 4P
6A , 30V , RDS(ON) 26 m??N-Channel Enhancement Mode Power MOSFET
logo
Unisonic Technologies
6N40_1109 UTC-6N40_1109 Datasheet
189Kb / 6P
6A, 400V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H8205 HSMC-H8205 Datasheet
53Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
H8205A HSMC-H8205A Datasheet
57Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
logo
MagnaChip Semiconductor...
MDD9N40 MGCHIP-MDD9N40 Datasheet
840Kb / 6P
N-Channel MOSFET 400V, 6A, 0.85(ohm)
logo
Jiangsu Donghai Semicon...
740 WXDH-740 Datasheet
1Mb / 12P
10A 400V N-channel Enhancement Mode Power MOSFET
DH10N40 WXDH-DH10N40 Datasheet
1Mb / 12P
10A 400V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com