Electronic Components Datasheet Search
  English  ▼

X  

F730 Datasheet(PDF) 12 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # F730
Description  6A 400V N-channel Enhancement Mode Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

F730 Datasheet(HTML) 12 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Back Button F730 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F730 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F730 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F730 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F730 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F730 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F730 Datasheet HTML 10Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F730 Datasheet HTML 11Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F730 Datasheet HTML 12Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Jiangsu Donghai Semiconductor Technology CO.,LTD.
Rev. 1.0
Page 12 of 12
730/F730/I730/
E730/B730/D730
10 Attentions
Jiangsu Donghai Semiconductor Technology CO.,LTD. reserves the right to change the
specification without prior notice! The customer should obtain the latest version of the information
before making the order and verify that the information is complete and up to date.
It is the responsibility of the purchaser for any failure or failure of any semiconductor product under
certain conditions. It is the responsibility of the purchaser to comply with safety standards and to
take safety measures in the system design and machine manufacturing of Donghai products in
order to avoid potential risk of failure. Injury or property damage.
Product promotion is endless, our company will be dedicated to provide customers with better
products.
11 Appendix
Revision history:
Date
REV.
Description
Page
2017.03.14
1.0
Original



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com