Electronic Components Datasheet Search
  English  ▼

X  

AX6800X Datasheet(PDF) 24 Page - ASIX Electronics Corporation

Part # AX6800X
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX6800X Datasheet(HTML) 24 Page - ASIX Electronics Corporation

Back Button AX6800X Datasheet HTML 20Page - ASIX Electronics Corporation AX6800X Datasheet HTML 21Page - ASIX Electronics Corporation AX6800X Datasheet HTML 22Page - ASIX Electronics Corporation AX6800X Datasheet HTML 23Page - ASIX Electronics Corporation AX6800X Datasheet HTML 24Page - ASIX Electronics Corporation AX6800X Datasheet HTML 25Page - ASIX Electronics Corporation AX6800X Datasheet HTML 26Page - ASIX Electronics Corporation AX6800X Datasheet HTML 27Page - ASIX Electronics Corporation AX6800X Datasheet HTML 28Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
24
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
2.3 CPU Core and Debugger
2.3.1 CPU Core
The 1T 8051/80390 CPU core of AX6800x is an ultra-high performance, speed optimized, 8-bit embedded
controller dedicated for operation with fast on-chip memories. The CPU core has been designed with a special
concern about performance to power consumption ratio. The CPU core is 100% binary-compatible with the
industry standard 8051 8-bit micro-controller. The CPU core can address up to 128K bytes of linear program
space. The CPU core has Pipelined RISC architecture, which can be 10 times faster compared to standard
architecture and executes 96 million instructions per second when operating in 96Mhz.
The main features of 1T 8051/80390 CPU core are listed below:
100% software compatible with industry standard 8051
Maximum operating clock frequency of 96M Hz
Pipelined RISC architecture enables to execute instructions 10 times faster compared to standard 8051
20-bit FLAT program addressing mode – 80C390 instructions set
16-bit LARGE program addressing mode – 80C51 instructions set
24 times faster multiplication
12 times faster addition
256 bytes of internal (on-chip) Data Memory
Up to 128K bytes of Program Memory
On-chip SRAM used for mirrored program: 0 to 8K bytes
On-chip Flash memory used for program: 0 to 128K bytes in FLAT mode
Up to 32K bytes of External Data Memory(xDATA)
User programmable Program Memory wait states
2.3.2 Debugger
The Debugger inside AX6800x provides an in-circuit emulator feature and it is used to connect to an external
In-Circuit-Emulation (ICE) adaptor board, which manages communication between the Debugger inside
AX6800x and the Debug Software on a PC. The Hardware Assisted Debugger (HAD2) is the ICE adaptor board
that manages communication between the Debugger inside AX6800x and an USB port of the host PC running
Debug Software.
The Debug Software is a Windows based application. It is fully compatible with all existing 8051/80390 C
compilers and Assemblers. The Debug Software allows user to work in two major modes: software simulator
mode and hardware debugger mode. Those two modes assure software validation in simulation mode and then
real-time debugging of developed software inside AX6800x using debugger mode. Once loaded, the program may
be observed in Source Window, run at full-speed, single stepped by machine or C level instructions, or stopped at
any of the breakpoints.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com