Electronic Components Datasheet Search
  English  ▼

X  

AX6800X Datasheet(PDF) 34 Page - ASIX Electronics Corporation

Part # AX6800X
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX6800X Datasheet(HTML) 34 Page - ASIX Electronics Corporation

Back Button AX6800X Datasheet HTML 30Page - ASIX Electronics Corporation AX6800X Datasheet HTML 31Page - ASIX Electronics Corporation AX6800X Datasheet HTML 32Page - ASIX Electronics Corporation AX6800X Datasheet HTML 33Page - ASIX Electronics Corporation AX6800X Datasheet HTML 34Page - ASIX Electronics Corporation AX6800X Datasheet HTML 35Page - ASIX Electronics Corporation AX6800X Datasheet HTML 36Page - ASIX Electronics Corporation AX6800X Datasheet HTML 37Page - ASIX Electronics Corporation AX6800X Datasheet HTML 38Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
34
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
6
I2C_U0_
PSEL
I2C Slave port 0 Pin Select.
This selects the desired pin function of below multi-function pins (I2C slave port0 or Port0).
QFN
Pin #
LQFP
Pin #
I2C_U0_PSEL
= 0
= 1
4
6
U0_SCL
P04
5
7
U0_SDA
P05
Note: if MP0_74_PSEL = 1’b0, the I2C_U0_PSEL will be forced to 1’b0 automatically.
7
I2C_U1_
PSEL
I2C Slave port 1 Pin Select.
This selects the desired pin function of below multi-function pins (I2C slave port1 or Port0).
QFN
Pin #
LQFP
Pin #
I2C_U1_PSEL
= 0
= 1
1
2
U1_SCL
P06
2
4
U1_SDA
P07
Note: if MP0_74_PSEL = 1’b0, the I2C_U1_PSEL will be forced to 1’b0 automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com