Electronic Components Datasheet Search
  English  ▼

X  

AX6800X Datasheet(PDF) 25 Page - ASIX Electronics Corporation

Part # AX6800X
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX6800X Datasheet(HTML) 25 Page - ASIX Electronics Corporation

Back Button AX6800X Datasheet HTML 21Page - ASIX Electronics Corporation AX6800X Datasheet HTML 22Page - ASIX Electronics Corporation AX6800X Datasheet HTML 23Page - ASIX Electronics Corporation AX6800X Datasheet HTML 24Page - ASIX Electronics Corporation AX6800X Datasheet HTML 25Page - ASIX Electronics Corporation AX6800X Datasheet HTML 26Page - ASIX Electronics Corporation AX6800X Datasheet HTML 27Page - ASIX Electronics Corporation AX6800X Datasheet HTML 28Page - ASIX Electronics Corporation AX6800X Datasheet HTML 29Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
25
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
2.4 Flash Controller and On-Chip Flash Memory
2.4.1 Program Loader
The Program Loader activates right after chip reset or software reboot command and performs copying CPU
program code from on-chip Flash memory to on-chip 8K bytes Program SRAM for “Program Code Mirroring”.
2.4.2 Flash Controller and In-Application Programming
Flash Controller supports Flash memory access related Word Read, Word Write, Sector Erase, Chip Erase
command signal generation needed for CPU’s special SFR access and software DMA’s write access. Along with
Software DMA controller, it supports various DMA transfer direction such as Flash memory to External Data
Memory (P2D), External Data Memory (xDATA) to Flash memory (D2P), Flash memory to Flash memory (P2P),
etc. for so-called In-Application Programming (IAP) function during run-time. For each Word Write access, Flash
Controller will perform the read back check automatically. If the read back check encountered the mismatch
happened, the Flash Controller will interrupt CPU to inform the current Word Write access is incorrect.
2.4.3 In-System Programming
ISP Controller supports In-System Programming (ISP) function through either UART 0 interface to program
on-chip Flash memory.
Upon enabled (via BURN_FLASH_EN pin), ISP controller allows on-chip Flash memory to be programmed by
ASIX’s Flash Programming utility software on a PC with a standard RS-232 port. The link speed (baud rate) of
UART 0 used for communicating to the PC’s RS-232 port can be selectable between 921.6K or 115.2K bps (via
BURN_FLASH_921K pin). When developing AX6800x software or manufacturing AX6800x based systems,
ASIX’s Flash Programming utility can provide easy and fast Flash memory programming capability.
2.4.4 On-Chip Flash Memory
The main features of the on-chip Flash memory are listed below,
Requires only 1.8V power for read, erase and write operations
Fast Read, Write and Erase
Read access time: 40ns
Write (programming) access time: 20us (typical)
Page erase time: 2ms
Mass Erase time: 10ms
Minimum 100,000 erase/program cycles
Minimum 10 years data retention under maximum 20 times pre-cycles
Program code download protection in hardware to prevent unauthorized program code download.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com