Electronic Components Datasheet Search
  English  ▼

X  

EL2111CS Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL2111CS
Description  Low Cost, Gain of 2, Video Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2111CS Datasheet(HTML) 5 Page - Intersil Corporation

  EL2111CS Datasheet HTML 1Page - Intersil Corporation EL2111CS Datasheet HTML 2Page - Intersil Corporation EL2111CS Datasheet HTML 3Page - Intersil Corporation EL2111CS Datasheet HTML 4Page - Intersil Corporation EL2111CS Datasheet HTML 5Page - Intersil Corporation EL2111CS Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
matching resistor to a cable and a 75
Ω load to ground at the
end of the cable provide a 150
Ω DC load. But output
capacitive coupling opens this DC path so an extra pulldown
resistor on the amplifier output to ground is required.
Figure 4 shows a 250
Ω resistor. Capacitively coupling the
output will require that we shift the output offset voltage
higher than in the direct coupled case. Using RA = 43k and
RB = 4.7k will make the quiescent output offset voltage
about 1V. The output dynamic range will be 0.6V to 3V.
Input capacitive coupling will increase the needed dynamic
range of the amplifier. The standard NTSC video signal is 1V
peak to peak plus 143mV for the color AC peak. The video
signal is made up of the -286mV sync pulse plus the 714mV
picture signal which may very from 0V to 714mV. The video
signal average value for a black picture is about 28mV
(Figure 2) and with a white picture level is about 583mV
(Figure 3). This gives a maximum change in average value
of about 555mV. A direct coupled amplifier with an standard
NTSC video signal needs a dynamic range of 1.143V. But
with input capacitance coupling the dynamic range
requirements are the sum of the 1.143V video plus the
average picture value change of 0.555V or 1.698VP-P. At a
gain of two this doubles to 3.394V. These amplifiers do not
have this much dynamic range so a gain of less than 2 must
be used to avoid waveform compression under all
conditions.
Capacitively coupling the input and output is worse than a
capacitor only on the input. Without any special
compromises you can only take a gain of one. But if the
backmatch resistor is reduced to 36
Ω, reducing the output
+
–
Video
1V
VIN
4.7K
RB
+
-
AMP
1K
RF
0.1µF
CB
68K
RA
0.32VB
+
–
V1
5V
0.64VB
V AMP
VOUT
75
RO
1V
FIGURE 1.
0.714V
0.0V
-0.286V
Ý10µs
5.1µs
3.8µs
1.3µs
53µs
0.6
0.867
0.583V
Gain = 2
1.8V offset
Amp
OutVolts
0
+0.348
1.166
1.8
1.428
2.062
-0.572
+0.062
FIGURE 2. WHITE LEVEL VIDEO
0.714V
0.0V
-0.286V
Gain = 2
1.8V offset
Amp Out
Volts
+1.8
+3.172
+56mV
+1.172
FIGURE 3. BLACK LEVEL VIDEO
53mV
Average BL
+45mV
0.686V
+28mV
Average Picture Value Change — 555mV
EL2111



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com