Electronic Components Datasheet Search
  English  ▼

X  

EL2111CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL2111CS
Description  Low Cost, Gain of 2, Video Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2111CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL2111CS Datasheet HTML 1Page - Intersil Corporation EL2111CS Datasheet HTML 2Page - Intersil Corporation EL2111CS Datasheet HTML 3Page - Intersil Corporation EL2111CS Datasheet HTML 4Page - Intersil Corporation EL2111CS Datasheet HTML 5Page - Intersil Corporation EL2111CS Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
Total Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -6VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6V
Peak Output Current . . . . . . . . . . . . . . . . . . . . . . 75mA per amplifier
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Temperature Range . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VS = +5V, RL = 1kΩ, VIN = 1V, TA = 25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
-20
10
20
mV
TCVOS
Average Offset Voltage Drift
(Note 1)
-50
µV/°C
IB
Input Bias Current
-15
-7
-3
µA
IOS
Input Offset Current
-1
0.3
1.0
µA
TCIOS
Average Offset Current Drift
(Note 1)
-3
nA/°C
AVOL
Open Loop Gain
VOUT = 0.5, 2.5, RL = 1kΩ
160
250
V/V
VOUT = 0.5, 2.5, RL = 150kΩ
160
250
V/V
PSRR
Power Supply Rejection Ratio
VS = 4.5V to 5.5V
43
50
dB
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3.8V
55
65
dB
CMIR
Common Mode Input Range
0.0
3.0
V
VOUT
Output Voltage Swing
RFB = RG = 1kΩ, RL = 150Ω
2.8
3.2
V
ISC
Output Short Circuit Current
Output to Ground (Note 2)
75
125
mA
IS
Supply Current
No load (per channel) VIN = 0V
2.0
2.4
3.0
mA
RIN
Input Resistance
Differential
150
k
Ω
Common mode
1.5
M
Ω
CIN
Input Capacitance
AV = 1 @ 10MHz
1
pF
ROUT
Output Resistance
0.150
Ω
PSOR
Power Supply Operating Range
Single supply
4
6
V
NOTES:
1. Measured from TMIN to TMAX.
2. A heat-sink is required to keep junction temperature below absolute maximum when an output is shorted.
Closed-Loop AC Electrical Specifications
VS = 5V, AC Test Figure, TA = 25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
BW
-3dB Bandwidth (VOUT = 0.4mVP-P)AV = 1
100
MHz
±0.1dB Bandwidth (VOUT = 0.4mVP-P)AV = 1
10
MHz
GBWP
Gain Bandwidth Product
50
MHz
PM
Phase Margin
55
°
SR
Slew Rate
85
130
V/µs
FBWP
Full Power Bandwidth
(Note 1)
8
11
MHz
tR, tF
Rise Time, Fall Time
0.1V step
2
ns
OS
Overshoot
0.1V step
15
%
EL2111



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com