Electronic Components Datasheet Search
  English  ▼

X  

EL2111CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2111CS
Description  Low Cost, Gain of 2, Video Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2111CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL2111CS Datasheet HTML 1Page - Intersil Corporation EL2111CS Datasheet HTML 2Page - Intersil Corporation EL2111CS Datasheet HTML 3Page - Intersil Corporation EL2111CS Datasheet HTML 4Page - Intersil Corporation EL2111CS Datasheet HTML 5Page - Intersil Corporation EL2111CS Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
®
FN7043
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2111
Low Cost, Gain of 2, Video Op Amp
The EL2111 operational amplifier, built
using Elantec’s complementary bipolar
process, offers unprecedented high
frequency performance at a very low cost. It is suitable for
any application, such as consumer video, where traditional
DC performance specifications are of secondary importance
to the high frequency specifications. On a 5V supply at a
gain of +2 the EL2111 will drive a 150
Ω load to +2V, with a
bandwidth of 100MHz. This device achieves 0.1dB
bandwidth at 5MHz.
The recommended power supply voltage is 5V. At zero and
5V supplies, the inputs will operate to ground. When the
outputs are at 0V the amplifier draws only 2.4mA of supply
current.
Features
• Optimized for 5V operation
• Stable at gain of 2
• 100MHz gain bandwidth product
• 130V/µs slew rate
• Drives 150
Ω load to video levels
• Input and outputs operate at negative supply rail
Applications
• Consumer video amplifier
• Active filters/integrators
• Cost sensitive applications
• Single supply amplifiers
*EL2111CW symbol is .Exxx where xxx represents date code
Ordering Information
PART
NUMBER
PACKAGE
TAPE & REEL
PKG. NO.
EL2111CN
8-Pin PDIP
-
MDP0031
EL2111CS
8-Pin SO
-
MDP0027
EL2111CW
5-Pin SOT-23*
-
MDP0038
Pinouts
EL2111
(5-PIN SOT23)
TOP VIEW
EL2111
(8-PIN PDIP, SO)
TOP VIEW
1
2
3
5
4
OUT
GND
IN+
VS+
IN-
-
+
1
2
3
4
8
7
6
5
NC
IN-
IN+
GND
NC
VS+
OUT
NC
-
+
Data Sheet
November 14, 2002
OBS
OLE
TE P
ROD
UCT
NO R
ECO
MME
NDE
D RE
PLA
CEM
ENT
con
tact
our T
echn
ical
Sup
port
Cen
ter a
t
1-88
8-IN
TER
SIL o
r ww
w.in
ters
il.co
m/ts
c


Similar Part No. - EL2111CS

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL211 EVERLIGHT-EL211 Datasheet
701Kb / 12P
8 PIN SOP PHOTOTRANSISTOR
EL211 EVERLIGHT-EL211 Datasheet
734Kb / 12P
8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
June 10, 2014
EL211(TA)-V EVERLIGHT-EL211(TA)-V Datasheet
701Kb / 12P
8 PIN SOP PHOTOTRANSISTOR
EL211(TB)-V EVERLIGHT-EL211(TB)-V Datasheet
701Kb / 12P
8 PIN SOP PHOTOTRANSISTOR
logo
Intersil Corporation
EL2110 INTERSIL-EL2110 Datasheet
102Kb / 6P
Low Cost, Gain of 1, Video Op Amp
November 14, 2002
More results

Similar Description - EL2111CS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD818 AD-AD818 Datasheet
353Kb / 12P
Low Cost, Low Power Video Op Amp
logo
Elantec Semiconductor
EL2245C ELANTEC-EL2245C Datasheet
450Kb / 14P
Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
logo
National Semiconductor ...
LH0042 NSC-LH0042 Datasheet
204Kb / 12P
Low Cost FET Op Amp
logo
Intersil Corporation
EL2445 INTERSIL-EL2445 Datasheet
244Kb / 12P
Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
March 27, 2002
EL2110 INTERSIL-EL2110 Datasheet
102Kb / 6P
Low Cost, Gain of 1, Video Op Amp
November 14, 2002
logo
Analog Devices
ADA4862-3 AD-ADA4862-3 Datasheet
381Kb / 16P
High Speed, G = 2, Low Cost, Triple Op Amp
8/05-Rev. 0 to Rev. A
AD818 AD-AD818_03 Datasheet
924Kb / 16P
Low Cost, Low Power Video Op Amp
REV. C
AD818 AD-AD818_10 Datasheet
563Kb / 15P
Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818_15 Datasheet
563Kb / 15P
Low Cost, Low Power Video Op Amp
REV. D
ADA4862-3 AD-ADA4862-3_15 Datasheet
484Kb / 17P
Low Cost, Triple Op Amp
REV. A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com