Electronic Components Datasheet Search
  English  ▼

X  

HCPL-193K Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-193K
Description  Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-193K Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-193K Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-193K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-193K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-193K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-193K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-193K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-193K Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-193K Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-193K Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Parameter
Symbol
Typ.
Units
Test Conditions
Fig.
Note
Resistance (Input-Output)
R
I-O
1012
Ω
V
I-O = 500 V dc
3, 13
Capacitance (Input-Output)
C
I-O
1.7
pF
f = 1 MHz
3, 13
Input-Input Insulation
I
I-I
0.5
nA
45% Relative Humidity,
11
Leakage Current
V
I-I = 500 Vdc, t = 5 s
Resistance (Input-Input)
R
I-I
1012
Ω
V
I-I
= 500 Vdc
11
Capacitance (Input-Input)
C
I-I
0.55
pF
f = 1 MHz
11
Propagation Delay Time of Enable
t
ELH
35
ns
6, 7
3, 7
from V
EH
to V
EL
R
L = 510 Ω, CL = 15 pF,
Propagation Delay Time of Enable
t
EHL
35
ns
I
I
= 13 mA, V
EH
= 3 V, V
EL
= 0 V
6, 7
3, 8
from V
EL
to V
EH
Output Rise Time (10-90%)
t
r
30
ns
3
R
L = 510 Ω, CL = 15 pF, II = 13 mA
Output Fall Time (90-10%)
t
f
24
ns
3
Input Capacitance
C
I
60
pF
f = 1 MHz, V
I = 0,
3
PINS 1 to 2 or 5 to 6
Typical Specifications
T
A = 25°C, VCC = 5 V
Notes:
1. Bypassing of the power supply line is required, with a 0.1
µF ceramic disc capacitor adjacent to each isolator. The power supply bus
for the isolators should be separate from the bus for any active loads, otherwise additional bypass capacitance may be needed to
suppress regenerative feedback via the power supply.
2. Derate linearly at 1.2 mA/
°C above T
A
= 100
°C.
3. Each channel.
4. Device considered a two terminal device: pins 1 through 8 are shorted together, and pins 9 through 16 are shorted together.
5. The t
PLH
propagation delay is measured form the 6.5 mA point on the trailing edge of the input pulse to the 1.5 V point on the trailing
edge of the output pulse.
6. The t
PHL
propagation delay is measured from the 6.5 mA point on the leading edge of the input pulse to the 1.5 V point on the leading
edge of the output pulse.
7. The t
ELH
enable propagation delay is measured from the 1.5 V point on the trailing edge of the enable input pulse to the 1.5 V point
on the trailing edge of the output pulse.
8. The t
EHL
enable propagation delay is measured from the 1.5 V point on the leading edge of the enable input pulse to the 1.5 V point
on the leading edge of the output pulse.
9. CM
H
is the maximum tolerable rate of rise of the common mode voltage to assure that the output will remain in a high logic state, i.e.
V
OUT
> 2.0 V.
10. CM
L
is the maximum tolerable rate of fall of the common mode voltage to assure that the output will remain in a low logic state, i.e.
V
OUT
< 0.8 V.
11. Measured between adjacent input leads shorted together, i.e. between 1, 2 and 4 shorted together and pins 5, 6 and 8 shorted
together.
12. No external pull up is required for a high logic state on the enable input.
13. Measured between pins 1 and 2 or 5 and 6 shorted together, and pins 10 through 15 shorted together.
14. Parameters shall be tested as part of device initial characterization and after process changes. Parameters shall be guaranteed to the
limits specified for all lots not specifically tested.
15. Standard parts receive 100% testing at 25
°C (Subgroups 1 and 9). Hi-Rel and SMD parts receive 100% testing at 25, 125, and -55°C
(Subgroups 1 and 9, 2 and 10, 3 and 11, respectively).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com