Electronic Components Datasheet Search
  English  ▼

X  

HCPL-193K Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-193K
Description  Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-193K Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-193K Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-193K Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-193K Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-193K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-193K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-193K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-193K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-193K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-193K Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
DC specifications are compatible
with TTL logic and are guaranteed
from -55
°C to +125°C allowing
trouble-free interfacing with
digital logic circuits. An input
current of 10 mA will sink a six
gate fan-out (TTL) at the output
with a typical propagation delay
from input to output of only
45 nsec.
All devices are manufactured and
tested on a MIL-PRF-38534
certified line and are included in
the DSCC Qualified Manufac-
turers List QML-38534 for Hybrid
Microcircuits.
Each unit contains two indepen-
dent channels, consisting of a
GaAsP light emitting diode, an
input current regulator, and an
integrated high gain photon
detector. The input regulator
serves as a line termination for
line receiver applications. It
clamps the line voltage and
regulates the LED current so line
reflections do not interfere with
circuit performance. The regulator
allows a typical LED current of
12.5 mA before it starts to shunt
excess current. The output of the
detector IC is an open collector
Schottky clamped transistor. An
enable input gates the detector.
The internal detector shield
provides a guaranteed common
mode transient immunity specifi-
cation of +1000 V/
µsec.
Selection Guide–Package Styles and Lead
Configuration Options
Agilent Part # and Options
Commercial
HCPL-1930
MIL-PRF-38534 Class H
HCPL-1931
MIL-PRF-38534 Class K
HCPL-193K
Standard Lead Finish
Gold
Solder Dipped
Option #200
Butt Joint/Gold Plate
Option #100
Gull Wing/Soldered
Option #300
Crew Cut/Gold Plate
Option #600
Class H SMD Part #
Prescript for all below
5962-
Either Gold or Soldered
8957201EX
Gold Plate
8957201EC
Solder Dipped
8957201EA
Butt Joint/Gold Plate
8957201YC
Butt Joint/Soldered
8957201YA
Gull Wing/Soldered
8957201XA
Crew Cut/Gold Plate
Available
Crew Cut/Soldered
Available
Class K SMD Part #
Prescript for all below
5962-
Either Gold or Soldered
8957202KEX
Gold Plate
8957202KEC
Solder Dipped
8957202KEA
Butt Joint/Gold Plate
8957202KYC
Butt Joint/Soldered
8957202KYA
Gull Wing/Soldered
8957202KXA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com