Electronic Components Datasheet Search
  English  ▼

X  

TLC3548CPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3548CPWR
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3548CPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC3548CPWR Datasheet HTML 8Page - Texas Instruments TLC3548CPWR Datasheet HTML 9Page - Texas Instruments TLC3548CPWR Datasheet HTML 10Page - Texas Instruments TLC3548CPWR Datasheet HTML 11Page - Texas Instruments TLC3548CPWR Datasheet HTML 12Page - Texas Instruments TLC3548CPWR Datasheet HTML 13Page - Texas Instruments TLC3548CPWR Datasheet HTML 14Page - Texas Instruments TLC3548CPWR Datasheet HTML 15Page - Texas Instruments TLC3548CPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, AVDD = 5 V,
DVDD = 5 V, VREFP = 5 V, VREFM = 0 V, SCLK frequency = 25 MHz (unless otherwise noted) (continued)
FS trigger
PARAMETERS
MIN
TYP
MAX
UNIT
td(8)
Delay time, delay from CS falling edge to FS rising edge, at 25-pF load
0.5
tc(1)
tsu(3)
Setup time, FS rising edge before SCLK falling edge, at 25-pF load
0.25
×tc(1)
0.5
×tc(1)+5
ns
tw(3)
Pulse width, FS high at 25-pF load
0.75
×tc(1)
tc(1)
1.25
×tc(1)
ns
t
Delay time, delay from FS rising edge to MSB of SDO valid
DVDD = 5 V
26†
ns
td(9)
Delay time, delay from FS rising edge to MSB of SDO valid
(reaches 90% final level) at 10-pF load
DVDD = 2.7 V
30†
ns
td(10) Delay time, delay from FS rising edge to next FS rising edge at 25-pF load
Required
sampling time +
conversion time
µs
t
Delay time, delay from FS rising edge to INT rising edge at
DVDD = 5 V
0
6†
ns
td(11)
Delay time, delay from FS rising edge to INT rising edge at
10-pF load
DVDD = 2.7 V
16†
ns
† Specified by design
ID15
OD1
OD0
ID1
Hi-Z
1
16
OD15
ID0
Don’t Care
ID15
OD15
OR
td(10)
tw(3)
td(8)
tsu(3)
td(9)
td(11)
Don’t Care
Don’t Care
Don’t Care
Hi-Z
VIH
VIL
VOH
VOH
CS
FS
SCLK
SDI
SDO
EOC
INT
NOTE A:
– – – – The dotted line means signal may or may not exist, depending on application. It must be ignored.
Normal sampling mode, FS initiates the conversion, CS can be tied to low. When CS is high, SDO is in Hi-Z, all inputs (FS, SCLK, SDI)
are inactive and are ignored.
Parts with date code earlier than 13XXXXX have these discrepancies:
(Date code is a 7 digit code next to the TI where the first digit indicates the year and the second digit is the month of production. 13,
in this case, is 2001 and the month of March.)
SDO MSB (OD[15]) comes out from the falling edge of CS instead of FS rising edge in DSP mode (FS triggered).
Figure 3. Critical Timing for FS Trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com