Electronic Components Datasheet Search
  English  ▼

X  

TLC3548CPWR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3548CPWR
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3548CPWR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC3548CPWR Datasheet HTML 12Page - Texas Instruments TLC3548CPWR Datasheet HTML 13Page - Texas Instruments TLC3548CPWR Datasheet HTML 14Page - Texas Instruments TLC3548CPWR Datasheet HTML 15Page - Texas Instruments TLC3548CPWR Datasheet HTML 16Page - Texas Instruments TLC3548CPWR Datasheet HTML 17Page - Texas Instruments TLC3548CPWR Datasheet HTML 18Page - Texas Instruments TLC3548CPWR Datasheet HTML 19Page - Texas Instruments TLC3548CPWR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
ideal conversion characteristics
00000000000000
00000000000001
00000000000010
01111111111111
10000000000000
10000000000001
11111111111111
11111111111110
11111111111101
16381
16383
16382
8192
8193
8191
0
1
2
01111111111111
01111111111110
01111111111101
00000000000001
00000000000000
11111111111111
10000000000010
10000000000001
10000000000000
Binary
USB
2s Complement
BTC
1.999878 V
2.000122 V
3.999512 V
Unipolar Analog Input Voltage
VREFM = VZS = 0 V
122
µV
488
µV
244
µV
VFS – 1 LSB = 3.999756 V
1 LSB = 244
µV
VMS = (VFS + VZS)/2 = 2 V
VREFP = VFS = 4 V
data format
INPUT DATA FORMAT (BINARY)
OUTPUT DATA FORMAT READ CONVERSION/FIFO
MSB
LSB
MSB
LSB
ID[15:12]
ID[11:0]
OD[15:2]
OD[1:0]
Command
Configuration data field or filled with zeros
Conversion result
Don’t Care
14-BIT
Unipolar Straight Binary Output: (USB)
Zero-scale code = VZS = 0000h, Vcode = VREFM
Mid-scale code = VMS = 2000h, Vcode = VREFP/2
Full-scale code = VFS = 3FFFh, Vcode = VREFT – 1 LSB
UnIpolar Input, Binary 2’s Complement Output: (BTC)
Zero-scale code = VZS = 2000 h, Vcode = VREFM
Mid-scale code = VMS = 0000h, Vcode = (VREFP – VREFM)/2
Full-scale code = VFS = 1FFFh, Vcode = VREFP – 1 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com