Electronic Components Datasheet Search
  English  ▼

X  

TLC3548CPWR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3548CPWR
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3548CPWR Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLC3548CPWR Datasheet HTML 24Page - Texas Instruments TLC3548CPWR Datasheet HTML 25Page - Texas Instruments TLC3548CPWR Datasheet HTML 26Page - Texas Instruments TLC3548CPWR Datasheet HTML 27Page - Texas Instruments TLC3548CPWR Datasheet HTML 28Page - Texas Instruments TLC3548CPWR Datasheet HTML 29Page - Texas Instruments TLC3548CPWR Datasheet HTML 30Page - Texas Instruments TLC3548CPWR Datasheet HTML 31Page - Texas Instruments TLC3548CPWR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
conversion operation (continued)
CS
FS
SDI
INT
SDO
***
Command = Configure Write for Mode 11, FIFO
Threshold = 1/2 Full, Sweep Sequence: 0–0–2–2
**
COMMAND = Select Any Channel
*
COMMAND = Read FIFO
*
Configure
Conversion
From CH0
Conversion
From CH2
Conversion
From CH2
Conversion
From CH0
1st SWEEP
1st FIFO Read
REPEAT
2nd FIFO Read
CH0
CH0
CH2
CH2
CH0
Read FIFO After 1st SWEEP Completed
CSTART
*** **
**
*
***
*
Possible Signal
Don’t Care
Figure 20. Mode 11, CSTART Triggers Samplings/Conversions
conversion clock and conversion speed
The conversion clock source can be the internal OSC, or the external clock SCLK. When the external clock is
used, the conversion clock is equal to SCLK/4. It takes 18 conversion clocks plus 15 ns to finish the conversion.
If the external clock is selected, the conversion time (not including sampling time) is 18X(4/fSCLK)+15 ns. Table 4
shows the maximum conversion rate (including sampling time) when the analog input source resistor is 1 k
Ω.
Table 4. Maximum Conversion Rate
DEVICE
SAMPLING MODE
CONVERSION CLK
MAX SCLK
(MHz)
CONVERSION
TIME (us)
RATE
(KSPS)
Short (16 SCLK)
External SCLK/4
10
8.815
113.4
TLC3544/48
Long (48 SCLK)
External SCLK/4
25
4.815
207.7
TLC3544/48
(Rs = 1000)
Short (16 SCLK)
Internal 6.5 MHz
10
4.385
228
()
Long (48 SCLK)
Internal 6.5 MHz
25
4.705
212.5
FIFO operation
76543210
ADC
×8
FIFO
SOD
Serial
FIFO Full
FIFO 3/4 Full
FIFO 1/2 Full
FIFO 1/4 Full
FIFO Threshold Pointer
Figure 21. FIFO Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com