| Electronic Components Datasheet Search |
|
MMA6525KWR2 Datasheet(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MMA6525KWR2 Datasheet(HTML) 39 Page - NXP Semiconductors |
|
39 / 56 page ![]() Sensor Freescale Semiconductor, Inc. 39 MMA65xx 3.8.10.3 Arming Function: Unfiltered Mode On the rising edge of CS for an acceleration request, the most recent available offset cancelled sample for the requested axis is compared against positive and negative thresholds that are individually programmed for each axis via the ARMT_Xx and ARMT_Yx registers. Reference Section 3.1.10 for register details. If the sample equals or exceeds either threshold, an arming condition is indicated. Once an arming condition is indicated for the X-Axis, the ARM_X output is asserted when CS is asserted and the MISO data includes an acceleration response for that axis. Once an arming condition is indicated for the Y-Axis, the ARM_Y output is asserted when CS is asserted and the MISO data includes an acceleration response for that axis. The pulse stretch function is not applied in Unfiltered mode. Figure 29 contains a block diagram of the Arming Function operation in Unfiltered Mode. Figure 30 shows the Arming output operation under the different SPI request conditions. Figure 29. Arming Function Block Diagram - Unfiltered Mode Figure 30. X and Y Axis Arming Conditions, Unfiltered Mode ARMING FUNCTION ACFG[2] CS AXIS Select Interpolated Sample Rate ARM_x I/O ACFG[1] Y-Axis Arm Condition Present SCLK MOSI MISO CS Request X-Axis Request Y-Axis X-Axis Response Y-Axis Response Request X-Axis Request Y-Axis X-Axis Response ARM_X ARM_Y Y-Axis Response Y-Axis Arm Condition Not Present X-Axis Arm Condition Not Present X-Axis Arm Condition Present tARM_UF_DLY tARM_UF_ASSERT tARM_UF_DLY tARM_UF_ASSERT X-Axis Data Latched for Arm & SPI Y-Axis Data Latched for Arm & SPI X-Axis Data Latched for Arm & SPI |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |