| Electronic Components Datasheet Search |
|
MMA6525KWR2 Datasheet(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MMA6525KWR2 Datasheet(HTML) 40 Page - NXP Semiconductors |
|
40 / 56 page ![]() Sensor 40 Freescale Semiconductor, Inc. MMA65xx 3.8.10.4 Arming Pulse Stretch Function A pulse stretch function can be applied to the arming outputs in moving average mode, or count mode. If the pulse stretch function is not used (APS_X[1:0] = ‘00’ or APS_Y[1:0] = ‘00’), the arming output is asserted if and only if an arming condition exists for the associated axis after the most recent evaluated sample. The arming output is de-asserted if and only if an arming condition does not exist for the associated axis after the most recent evaluated sample. If the pulse stretch function is used, (APS_X[1:0] not equal ‘00’ or APS_Y[1:0] not equal ‘00’), the arming output is controlled only by the value of the pulse stretch timer value. If the pulse stretch timer value is non-zero, the arming output is asserted. If the pulse stretch timer is zero, the arming output is de-asserted. The pulse stretch counter continuously decrements until it reaches zero. The pulse stretch counter is reset to the programmed pulse stretch value if and only if an arming condition exists for the associated axis after the most recent evaluated sample. Reference Figure 28. The desired pulse stretch time is individually programmable for each axis via the APS_X[1:0] and APS_Y[1:0] bits in the ARM- CFG register. Exception conditions listed in Section 4.5 do not impact prior arming function responses. If an exception occurs after an arming activation, the corresponding pulse stretch for the existing arming condition will continue. However, new acceleration reads will not reset the pulse stretch counter regardless of the acceleration value. 3.8.10.5 Arming Pin Output Structure The arming output pin structure can be set to active high, or active low with the A_CFG bits in the DEVCFG register as de- scribed in Section 3.1.6.6. The active high and active low pin output structures are shown in Figure 31. Figure 31. Arming Function - Pin Output Structure Arm Function ARM_x Gating VCC Arm Function ARM_x Gating VCC Open Drain, Active High Open Drain, Active Low |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |