Electronic Components Datasheet Search
  English  ▼

X  

MMA6525KWR2 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MMA6525KWR2
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA6525KWR2 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MMA6525KWR2 Datasheet HTML 4Page - NXP Semiconductors MMA6525KWR2 Datasheet HTML 5Page - NXP Semiconductors MMA6525KWR2 Datasheet HTML 6Page - NXP Semiconductors MMA6525KWR2 Datasheet HTML 7Page - NXP Semiconductors MMA6525KWR2 Datasheet HTML 8Page - NXP Semiconductors MMA6525KWR2 Datasheet HTML 9Page - NXP Semiconductors MMA6525KWR2 Datasheet HTML 10Page - NXP Semiconductors MMA6525KWR2 Datasheet HTML 11Page - NXP Semiconductors MMA6525KWR2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
Sensor
8
Freescale Semiconductor, Inc.
MMA65xx
2.5
Self Test
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, |ΔTA| < 25 K/min unless otherwise specified.
#
Characteristic
Symbol
Min
Typ
Max
Units
87
88
89
90
91
92
93
94
95
Self Test Output Change (Ref Section 3.6)
80g, TA = 25°C
80g, -40°C
≤ T
A ≤ 105°C
80g, -40°C
≤ T
A ≤ 105°C, VCC_UV_f ≤ VCC - VSS ≤ VL
105.5g, TA = 25°C
105.5g, -40°C
≤ T
A ≤ 105°C
105.5g, -40°C
≤ T
A ≤ 105°C, VCC_UV_f ≤ VCC - VSS ≤ VL
120g, TA = 25°C
120g, -40°C
≤ T
A ≤ 105°C
120g, -40°C
≤ T
A ≤ 105°C, VCC_UV_f ≤ VCC - VSS ≤ VL
*
*
*
*
*
*
ΔST
80_25
ΔST
80_
ΔT
ΔST
80_
ΔTΔV
ΔST
105_25
ΔST
105_
ΔT
ΔST
105_
ΔTΔV
ΔST
120_25
ΔST
120_
ΔT
ΔST
120_
ΔTΔV
ΔST
MIN
582
545
545
442
414
414
387
363
363
ΔST
NOM
727
727
727
553
553
553
484
484
484
ΔST
MAX
872
909
909
663
690
690
581
605
605
LSB
LSB
LSB
LSB
LSB
LSB
LSB
LSB
LSB
(1)
(1)
(3)
(1)
(1)
(3)
(1)
(1)
(3)
96
97
Self Test Cross-Axis Output
Y-Axis Output with X-Axis Self Test
X-Axis Output with Y-Axis Self Test
ΔSTCrossAxis
ΔSTCrossAxis
-10
-10
—
—
+10
+10
LSB
LSB
(1)
(1)
98
99
Self Test Output Accuracy
Δ from Stored Value, including Sensitivity Error
-40°C
≤ TA ≤ 105°C (Ref Section 3.6)
*
ΔSTACC
-10
—
+10
%
(3)
100
Sigma Delta Modulator Range
X/Y-Axis, Any Range Positive/Negative
gADCl_Clip
375
400
450
g
(19)
101
Acceleration (without hitting internal g-cell stops)
X/Y-Axis, Any Range Positive/Negative
gg-cell_Clip
500
560
600
g
(19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com