Electronic Components Datasheet Search
  English  ▼

X  

845G Datasheet(PDF) 45 Page - Intel Corporation

Part # 845G
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845G Datasheet(HTML) 45 Page - Intel Corporation

Back Button 845G Datasheet HTML 41Page - Intel Corporation 845G Datasheet HTML 42Page - Intel Corporation 845G Datasheet HTML 43Page - Intel Corporation 845G Datasheet HTML 44Page - Intel Corporation 845G Datasheet HTML 45Page - Intel Corporation 845G Datasheet HTML 46Page - Intel Corporation 845G Datasheet HTML 47Page - Intel Corporation 845G Datasheet HTML 48Page - Intel Corporation 845G Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
45
Register Description
have a Bus Number that matches the Secondary Bus Number of the GMCH’s “virtual” Host-to-
PCI_B/AGP bridge will be translated into Type 0 configuration cycles on the PCI_B/AGP
interface. The GMCH will decode the Device Number field [15:11] and assert the appropriate
GAD signal as an IDSEL in accordance with the PCI-to-PCI Bridge Type 0 configuration
mechanism. The remaining address bits will be mapped as described in Figure 3-2.
NOTE:
If the Bus Number is non-zero, greater than the value programmed into the Secondary Bus Number
register, and less than or equal to the value programmed into the Subordinate Bus Number register the
configuration cycle is targeting a PCI bus downstream of the targeted interface. The GMCH will
generate a Type 1 PCI configuration cycle on PCI_B/AGP. The address bits will be mapped as
described in Figure 3-3.
Figure 3-2. Configuration Mechanism Type 0 Configuration Address to PCI Address Mapping
x
x
Register Number
Function No.
Device Number
Bus Number
Reserved
1
CONFIG_ADDRESS
AGP/PCI_B Type 0 Configuration Cycle
31
0
24
23
16 15
11
10
8
7
2
1
0
0
Register Number
Function No.
Reserved = 0
IDSEL
31
0
24
23
16 15
11
10
8
7
2
1
14
AGP GAD[31:0] Address
Config Address
AD[15:11]
AGP GAD[31:16] IDSEL
Config Address
AD[15:11]
AGP GAD[31:16] IDSEL
00000
0000 0000 0000 0001
01000
0000 0001 0000 0000
00001
0000 0000 0000 0010
01001
0000 0010 0000 0000
00010
0000 0000 0000 0100
01010
0000 0100 0000 0000
00011
0000 0000 0000 1000
01011
0000 1000 0000 0000
00100
0000 0000 0001 0000
01100
0001 0000 0000 0000
00101
0000 0000 0010 0000
01101
0010 0000 0000 0000
00110
0000 0000 0100 0000
01110
0100 0000 0000 0000
00111
0000 0000 1000 0000
01111
1000 0000 0000 0000
1xxxx
0000 0000 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com