Electronic Components Datasheet Search
  English  ▼

X  

845G Datasheet(PDF) 65 Page - Intel Corporation

Part # 845G
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845G Datasheet(HTML) 65 Page - Intel Corporation

Back Button 845G Datasheet HTML 61Page - Intel Corporation 845G Datasheet HTML 62Page - Intel Corporation 845G Datasheet HTML 63Page - Intel Corporation 845G Datasheet HTML 64Page - Intel Corporation 845G Datasheet HTML 65Page - Intel Corporation 845G Datasheet HTML 66Page - Intel Corporation 845G Datasheet HTML 67Page - Intel Corporation 845G Datasheet HTML 68Page - Intel Corporation 845G Datasheet HTML 69Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
65
Register Description
At the time that a hub interface or AGP accesses to the PAM region may occur, the targeted PAM
segment must be programmed to be both readable and writeable.
As an example, consider BIOS that is implemented on the expansion bus. During the initialization
process, the BIOS can be shadowed in main memory to increase the system performance. When
BIOS is shadowed in main memory, it should be copied to the same address location. To shadow
the BIOS, the attributes for that address range should be set to write only. The BIOS is shadowed
by first doing a read of that address. This read is forwarded to the expansion bus. The host then
does a write of the same address, which is directed to main memory. After the BIOS is shadowed,
the attributes for that memory area are set to read only so that all writes are forwarded to the
expansion bus. Figure 3-4 and Table 3-2 show the PAM registers and the associated attribute bits.
For details on overall system address mapping scheme, refer to Chapter 5.
Figure 3-4. PAM Register Attributes
Table 3-2. PAM Register Attributes
PAM Reg
Attribute Bits
Memory Segment
Comments
Offset
PAM0[3:0]
Reserved
90h
PAM0[7:4]
R
R
WE
RE
0F0000h–0FFFFFh
BIOS Area
90h
PAM1[3:0]
R
R
WE
RE
0C0000h–0C3FFFh
ISA Add-on BIOS
91h
PAM1[7:4]
R
R
WE
RE
0C4000h–0C7FFFh
ISA Add-on BIOS
91h
PAM2[3:0]
R
R
WE
RE
0C8000h–0CBFFFh
ISA Add-on BIOS
92h
PAM2[7:4]
R
R
WE
RE
0CC000h–0CFFFFh
ISA Add-on BIOS
92h
PAM3[3:0]
R
R
WE
RE
0D0000h–0D3FFFh
ISA Add-on BIOS
93h
PAM3[7:4]
R
R
WE
RE
0D4000h–0D7FFFh
ISA Add-on BIOS
93h
PAM4[3:0]
R
R
RE
0D8000h–0DBFFFh
ISA Add-on BIOS
94h
PAM4[7:4]
R
R
WE
RE
0DC000h–0DFFFFh
ISA Add-on BIOS
94h
PAM5[3:0]
R
R
WE
RE
0E0000h–0E3FFFh
BIOS Extension
95h
PAM5[7:4]
R
R
WE
RE
0E4000h–0E7FFFh
BIOS Extension
95h
PAM6[3:0]
R
R
WE
RE
0E8000h–0EBFFFh
BIOS Extension
96h
PAM6[7:4]
R
R
WE
RE
0EC000h–0EFFFFh
BIOS Extension
96h
RE
WE
RE
R
R
WE
R
R
7
6
5432
10
PAM6
PAM5
PAM4
PAM3
PAM2
PAM1
PAM0
Read Enable (R/W)
1=Enable
0=Disable
Write Enable (R/W)
1=Enable
0=Disable
Reserved
Reserved
Read Enable (R/W)
1=Enable
0=Disable
Write Enable (R/W)
1=Enable
0=Disable
Reserved
Reserved
96h
95h
94h
93h
92h
91h
90h
Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com