Electronic Components Datasheet Search
  English  ▼

X  

845G Datasheet(PDF) 63 Page - Intel Corporation

Part # 845G
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845G Datasheet(HTML) 63 Page - Intel Corporation

Back Button 845G Datasheet HTML 59Page - Intel Corporation 845G Datasheet HTML 60Page - Intel Corporation 845G Datasheet HTML 61Page - Intel Corporation 845G Datasheet HTML 62Page - Intel Corporation 845G Datasheet HTML 63Page - Intel Corporation 845G Datasheet HTML 64Page - Intel Corporation 845G Datasheet HTML 65Page - Intel Corporation 845G Datasheet HTML 66Page - Intel Corporation 845G Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
63
Register Description
3.5.1.19
DRC—DRAM Controller Mode Register (Device 0)
Address Offset:
7C–7Fh
Default Value:
00000000h
Access:
R/W, RO
Size:
32 bits
Bit
Description
31:30
Revision Number (REV)—RO.
This field reflects the revision number of the format used for SDR/
DDR register definition. Currently, this field must be 00, since this (rev “00”) is the only existing
version of the specification.
29
Initialization Complete (IC)—R/W.
This bit is used for communication of software state between the
memory controller and the BIOS. BIOS sets this bit to 1 after initialization of the DRAM memory array
is complete.
28
Dynamic Power-Down Mode Enable—R/W.
When set, the DRAM controller will put pair of rows
into power down mode when all banks are pre-charged (closed). Once a bank is accessed, the
relevant pair of rows is taken out of Power Down mode.
The entry into power-down mode is performed by de-activation of CKE. The exit is performed by
activation of CKE.
0 = Disable.
1 = Enable.
27:10
Intel Reserved.
9:7
Refresh Mode Select (RMS)—R/W.
This field determines at what rate refreshes will be executed.
000 = Reserved
001 = Refresh enabled. Refresh interval 15.6 µs
010 = Refresh enabled. Refresh interval 7.8 µs
011 = Refresh enabled. Refresh interval 64 µs
111 = Refresh enabled. Refresh interval 64 clocks (fast refresh mode)
Other = Reserved
6:4
Mode Select (SMS)—R/W.
These bits select the special operational mode of the DRAM interface.
The special modes are intended for initialization at power-up.
000 =Post Reset state: When the GMCH exits reset (power-up or otherwise), the mode select field is
cleared to 000.
During any reset sequence, while power is applied and reset is active, the GMCH deasserts all
CKE signals. After internal reset is deasserted, CKE signals remain deasserted until this field is
written to a value different than 000. On this event, all CKE signals are asserted.
During suspend (S3, S4), GMCH internal signal triggers SDRAM controller to flush pending
commands and enter all rows into Self-Refresh mode. As part of resume sequence, GMCH will
be reset – which will clear this bit field to 000 and maintain CKE signals deasserted. After
internal reset is deasserted, CKE signals remain de-asserted until this field is written to a value
different than 000. On this event, all CKE signals are asserted.
001 =NOP Command Enable: All processor cycles to DRAM result in a NOP command on the
DRAM interface.
010 =All Banks Pre-charge Enable: All processor cycles to DRAM result in an “all banks precharge”
command on the DRAM interface.
011 = Mode Register Set Enable: All processor cycles to DRAM result in a “mode register” set
command on the SDRAM interface. Host address lines are mapped to SDRAM address lines
in order to specify the command sent. Host address HA[13:3] are mapped to memory address
MA[11, 9:0].
100 =Extended Mode Register Set Enable: All processor cycles to SDRAM result in an “extended
mode register set” command on the SDRAM interface (DDR only). Host address lines are
mapped to SDRAM address lines in order to specify the command sent. Host address lines are
mapped to SDRAM address lines in order to specify the command sent. Host address
HA[13:3] are mapped to memory address MA[11, 9:0].
101 =Reserved
110 = CBR Refresh Enable: In this mode all processor cycles to SDRAM result in a CBR cycle on the
SDRAM interface
111 = Normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com