Electronic Components Datasheet Search
  English  ▼

X  

82845MZ Datasheet(PDF) 13 Page - Intel Corporation

Part # 82845MZ
Description  Intel 845 Family Chipset-Mobile 82845MP/82845MZ Chipset Memory Controller Hub Mobile (MCH-M)
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845MZ Datasheet(HTML) 13 Page - Intel Corporation

Back Button 82845MZ Datasheet HTML 9Page - Intel Corporation 82845MZ Datasheet HTML 10Page - Intel Corporation 82845MZ Datasheet HTML 11Page - Intel Corporation 82845MZ Datasheet HTML 12Page - Intel Corporation 82845MZ Datasheet HTML 13Page - Intel Corporation 82845MZ Datasheet HTML 14Page - Intel Corporation 82845MZ Datasheet HTML 15Page - Intel Corporation 82845MZ Datasheet HTML 16Page - Intel Corporation 82845MZ Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 157 page
background image
Intel
® 82845MP/82845MZ Chipset-Mobile (MCH-M)
250687-002
Datasheet
13
R
Intel® 845 Chipset MCH-M Features
Processor/Host Bus Support
 Supports the Mobile Intel Pentium 4 Processor-M
CPU
 Supports the Intel Pentium
4 processor subset of
the Enhanced Mode Scaleable Bus Protocol
 2x Address, 4x Data
 Mobile Intel Pentium 4 Processor-M System Bus
interrupt delivery
 Supports system bus at 400 MT/s (100 MHz)
 Supports host bus Dynamic Bus Inversion (DBI)
 Supports 32-bit host bus addressing
 12 deep In-Order Queue
 AGTL+ bus driver technology with integrated
AGTL termination resistors
Memory System
 Directly supports one DDR channel, 64b wide (72b
with ECC).
 Supports 200 and 266-MHz DDR compliant
devices (845MZ supports 200 MHz DDR only)
 Supports 64-Mb, 128-Mb, 256-Mb and 512-Mb
technologies for x16 devices and x8 devices.
 All supported devices have 4 banks
 Configurable optional ECC operation (single bit
Error Correction and multiple bit Error Detection)
 Supports up to 16 simultaneous open pages
 Supports page sizes of 2 KB, 4 KB, 8 KB, and 16
KB. Page size is individually selected for every
row.
 Thermal throttling scheme to selectively throttle
reads and/or writes. Throttling can be triggered by
preset read/write bandwidth limits.
 Max of 2 double-sided (4 rows populated) with
unbuffered PC2100 DDR (with or without ECC)
SO-DIMMs (845MZ supports only 200-MHz
DDR).
 Largest memory supported is 1 GB (845MZ
supports only up to 512 MB).
System Interrupts
 Supports only System Bus interrupt delivery
mechanism
 Supports interrupts signaled as upstream Memory
Writes from AGP/PCI (PCI semantics only) and
hub interface
 MSI direct to the System Bus
 Supports peer MSI between hub interface and AGP
 Provides redirection for IPI and upstream
interrupts to the System Bus
Accelerated Graphics Port (AGP) Interface
 Supports a single AGP device (either a connector
or on the motherboard)
 AGP Support
 Supports AGP 2.0 including 1x, 2x, and 4x AGP
data transfers and 2x/4x Fast Write protocol
 Supports only 1.5-V AGP electricals
 32 deep AGP request queue
 PCI semantic (FRAME# initiated) accesses to
DRAM are snooped
 High priority access support
 Hierarchical PCI configuration mechanism
 Delayed transaction support for AGP-to-DRAM
FRAME# semantic reads that can not be serviced
immediately
 32-bit upstream address support for inbound AGP
and PCI cycles
 32-bit downstream address support for outbound
PCI and Fast Write cycles
 AGP Busy/Stop Protocol
 AGP Clamping and Sense Amp Control
Hub Interface to ICH3-M
 266-MB/s, point-to-point hub interface to ICH3-M
 66-MHz base clock
 Supports the following traffic types to the ICH3-M
 Hub interface-to-AGP memory writes
 Hub interface-to-DRAM
 CPU-to-hub interface
 Messaging
 MSI Interrupt messages
 Power Management state change
 SMI, SCI and SERR error indication
Power Management
 SMRAM space remapping to A0000h (128 KB)
 Supports extended SMRAM space above 256 MB,
additional 128K/256K/512K TSEG from Top of
Memory, cacheable (cacheability controlled by
CPU)
 APM Rev 1.2 compliant power management
 Suspend to System Memory
 ACPI 2.0 Support
 Intel SpeedStep technology support
 Cache coherency with CPU in sleep mode
 Dynamic Memory Power-down
Package
 Package options
 593-pin FC-BGA (37.5 x 37.5 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com