Electronic Components Datasheet Search
  English  ▼

X  

82845MZ Datasheet(PDF) 21 Page - Intel Corporation

Part # 82845MZ
Description  Intel 845 Family Chipset-Mobile 82845MP/82845MZ Chipset Memory Controller Hub Mobile (MCH-M)
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845MZ Datasheet(HTML) 21 Page - Intel Corporation

Back Button 82845MZ Datasheet HTML 17Page - Intel Corporation 82845MZ Datasheet HTML 18Page - Intel Corporation 82845MZ Datasheet HTML 19Page - Intel Corporation 82845MZ Datasheet HTML 20Page - Intel Corporation 82845MZ Datasheet HTML 21Page - Intel Corporation 82845MZ Datasheet HTML 22Page - Intel Corporation 82845MZ Datasheet HTML 23Page - Intel Corporation 82845MZ Datasheet HTML 24Page - Intel Corporation 82845MZ Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 157 page
background image
Intel
® 82845MP/82845MZ Chipset-Mobile (MCH-M)
250687-002
Datasheet
21
R
2.1.
Host Interface Signals
Table 4. Host Interface Signal Descriptions
Signal Name
Type
Description
ADS#
I/O
AGTL+
Address Strobe: The system bus owner asserts ADS# to indicate the first of two
cycles of a request phase.
BNR#
I/O
AGTL+
Block Next Request: Used to block the current request bus owner from issuing a
new request. This signal is used to dynamically control the system bus pipeline
depth.
BPRI#
O
AGTL+
Bus Priority Request: The MCH-M is the only Priority Agent on the system bus. It
asserts this signal to obtain the ownership of the address bus. This signal has
priority over symmetric bus requests and will cause the current symmetric owner to
stop issuing new transactions unless the HLOCK# signal was asserted.
BR0#
I/O
AGTL+
Bus Request 0#: The MCH-M pulls the processor bus’ BR0# signal low during
CPURST#. The signal is sampled by the processor on the active-to-inactive
transition of CPURST#. The minimum setup time for this signal is 4 HCLKs. The
minimum hold time is 2 clocks and the maximum hold time is 20 HCLKs. BR0#
should be tristated after the hold time requirement has been satisfied.
CPURST#
O
AGTL+
CPU Reset: The CPURST# pin is an output from the MCH-M. The MCH-M asserts
CPURST# while RSTIN# (PCIRST# from ICH3-M) is asserted and for
approximately 1 ms after RSTIN# is deasserted. The CPURST# allows the
processor’s to begin execution in a known state.
DBSY#
I/O
AGTL+
Data Bus Busy: Used by the data bus owner to hold the data bus for transfers
requiring more than one cycle.
DEFER#
O
AGTL+
Defer Response: Signals that the MCH-M will terminate the transaction currently
being snooped with either a deferred response or with a retry response.
DBI[3:0]#
I/O
AGTL+ 4x
Dynamic Bus Inversion: Driven along with the HD[63:0]# signals. Indicates if the
associated signals are inverted or not. DBI[3:0]# are asserted such that the
number of data bits driven electrically low (low voltage) within the corresponding
16-bit group never exceeds 8.
DBI[x]#
Data Bits
DBI3#
HD[63:48]#
DBI2#
HD[47:32]#
DBI1#
HD[31:16]#
DBI0#
HD[15:0]#
DRDY#
I/O
AGTL+
Data Ready: Asserted for each cycle that data is transferred.
HA[31:3]#
I/O
AGTL+ 2x
Host Address Bus: HA[31:3]# connect to the system address bus. During
processor cycles the HA[31:3]# are inputs. The MCH-M drives HA[31:3]# during
snoop cycles on behalf of hub interface and AGP/Secondary PCI initiators.
HA[31:3]# are transferred at 2x rate. Note that the address is inverted on the
system bus.
HADSTB[1:0]#
I/O
AGTL+ 2x
Host Address Strobe: The source synchronous strobes used to transfer
HA[31:3]# and HREQ[4:0]# at the 2x transfer rate.
Strobe
Address Bits
HADSTB0#
HA[16:3]#, HREQ[4:0]#
HADSTB1#
HA[31:17]#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com