Electronic Components Datasheet Search
  English  ▼

X  

82845MZ Datasheet(PDF) 49 Page - Intel Corporation

Part # 82845MZ
Description  Intel 845 Family Chipset-Mobile 82845MP/82845MZ Chipset Memory Controller Hub Mobile (MCH-M)
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845MZ Datasheet(HTML) 49 Page - Intel Corporation

Back Button 82845MZ Datasheet HTML 45Page - Intel Corporation 82845MZ Datasheet HTML 46Page - Intel Corporation 82845MZ Datasheet HTML 47Page - Intel Corporation 82845MZ Datasheet HTML 48Page - Intel Corporation 82845MZ Datasheet HTML 49Page - Intel Corporation 82845MZ Datasheet HTML 50Page - Intel Corporation 82845MZ Datasheet HTML 51Page - Intel Corporation 82845MZ Datasheet HTML 52Page - Intel Corporation 82845MZ Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 157 page
background image
Intel
® 82845MP/82845MZ Chipset-Mobile (MCH-M)
250687-002
Datasheet
49
R
Table 21. MCH-M Configuration Space for Device #0
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
00-01h
VID
Vendor Identification
8086h
RO
02-03h
DID
Device Identification
1A30h
RO
04-05h
PCICMD
PCI Command Register
0006h
RO, R/W
06-07h
PCISTS
PCI Status Register
0090h
RO, R/WC
08h
RID
Revision Identification
Dependent on
silicon
revision
RO
09h
Reserved.
0Ah
SUBC
Sub-Class Code
00h
RO
0Bh
BCC
Base Class Code
06h
RO
0Dh
MLT
Master Latency Timer
00h
RO
0Eh
HDR
Header Type
00h
RO
0Fh
Reserved.
10-13h
APBASE
Aperture Base Configuration
00000008h
RO, R/W
14-2Bh
Reserved.
2C-2Dh
SVID
Subsystem Vendor Identification
0000h
R/WO
2E-2Fh
SID
Subsystem Identification
0000h
R/WO
30-33h
Reserved.
34h
CAPPTR
Capabilities Pointer
A0h
RO
35-50h
Reserved.
51h
AGPM
AGP Miscellaneous Config
00h
RW
52-5Fh
Reserved.
60-67h
DRB[0:7]
DRAM Row Boundary Registers
00h
R/W
68-6Fh
Reserved.
70-73h
DRA[0:7]
DRAM Row Attribute Registers
00h
R/W
73-77h
Reserved.
78-7Bh
DRT
DRAM Timing Register
00000010h
R/W
7C-7Fh
DRC
DRAM Controller Mode Register
0000h
R/W, RO
80-85h
Reserved.
86h
DERRSYN
DRAM Error Syndrome Register
00h
RO
87-8Bh
Reserved.
8C-8Fh
EAP
Error Address Pointer Register
00000000h
RO
90-96h
PAM[0:6]
Programmable Attribute Map Registers
00000000000
000h
RO, R/W
97h
FDHC
Fixed DRAM Hole Control Register
00h
RO, R/W
98-9Ch
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com