Electronic Components Datasheet Search
  English  ▼

X  

RT8152D Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8152D
Description  Single-Phase PWM Controller for CPU / GPU Core Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8152D Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8152D Datasheet HTML 1Page - Richtek Technology Corporation RT8152D Datasheet HTML 2Page - Richtek Technology Corporation RT8152D Datasheet HTML 3Page - Richtek Technology Corporation RT8152D Datasheet HTML 4Page - Richtek Technology Corporation RT8152D Datasheet HTML 5Page - Richtek Technology Corporation RT8152D Datasheet HTML 6Page - Richtek Technology Corporation RT8152D Datasheet HTML 7Page - Richtek Technology Corporation RT8152D Datasheet HTML 8Page - Richtek Technology Corporation RT8152D Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
RT8152C/D
4
DS8152C/D-04
April 2011
www.richtek.com
Pin No.
Pin Name
Pin Function
10
CM
Current Monitor Output. This pin outputs a voltage proportional to the output
current.
11
CMSET
Current Monitor Output Gain Externally Setting. Connect this pin with one
resistor to VSEN while CM pin is connected to ground with one another
resistor. In such way, current monitor output gain can be set by the ratio of
these two resistors.
12
VSEN
Positive Voltage Sensing Pin. This pin is the positive node of the differential
voltage sensing.
13
FB
Feedback. This is the negative input node of the error amplifier.
14
COMP
Compensation. This pin is the output node of the error amplifier.
15
ISEN_N
Negative input of the current sense.
16
ISEN
Positive input of the current sense.
17
TON
Connect this pin to VIN with one resistor.
18,
33 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected
to GND for maximum power dissipation.
19
PVDD
Driver Power.
20
LGATE
Lower Gate Drive. This pin drives the gate of the low side MOSFETs.
21
PGND
Driver Ground.
22
PHASE
This pin is return node of the high side MOSFET driver. Connect this pin to
the high side MOSFET sources together with the low side MOSFET drains
and the inductor.
23
UGATE
Upper Gate Drive. This pin drives the gate of the high side MOSFETs.
24
BOOT
Bootstrap Power Input. This pin powers the high side MOSFET drivers.
Connect this pin to bootstrap capacitor.
25 to 31
VID6 to
VID0
Voltage ID. DAC voltage identification inputs for IMVP6.5.
The logic threshold is 30% of the VCCP as the maximum value for low state
and 70% of the VCCP as the minimum value for the high state.
32
VRTT
Voltage Regulator Thermal Throttling. This open-drain output pin will be
pulled low when the preset temperature level is exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com