Electronic Components Datasheet Search
  English  ▼

X  

RT8152D Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8152D
Description  Single-Phase PWM Controller for CPU / GPU Core Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8152D Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8152D Datasheet HTML 9Page - Richtek Technology Corporation RT8152D Datasheet HTML 10Page - Richtek Technology Corporation RT8152D Datasheet HTML 11Page - Richtek Technology Corporation RT8152D Datasheet HTML 12Page - Richtek Technology Corporation RT8152D Datasheet HTML 13Page - Richtek Technology Corporation RT8152D Datasheet HTML 14Page - Richtek Technology Corporation RT8152D Datasheet HTML 15Page - Richtek Technology Corporation RT8152D Datasheet HTML 16Page - Richtek Technology Corporation RT8152D Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
RT8152C/D
13
DS8152C/D-04
April 2011
www.richtek.com
CPU Mode Power On
VCC_SENSE
(1V/Div)
Time (1ms/Div)
PGOOD
(5V/Div)
VRON
(5V/Div)
VID = 0.9375V, CLKEN Pull High to 3.3V
CLKEN
(5V/Div)
Render Mode Power On
VCC_SENSE
(1V/Div)
Time (1ms/Div)
PGOOD
(5V/Div)
VRON
(5V/Div)
CLKEN
(5V/Div)
VID = 0.9375V, CLKEN Pull low to GND
CPU Mode Power Down
VCC_SENSE
(1V/Div)
Time (100
μs/Div)
PGOOD
(5V/Div)
VRON
(5V/Div)
VID = 0.9375V, CLKEN Pull High to 3.3V
CLKEN
(5V/Div)
CCM VID Change Down
VCC_SENSE
(100mV/Div)
Time (20
μs/Div)
UGATE
(20V/Div)
LGATE
(5V/Div)
VID change from 0.9375V to 0.85V
VID0
(5V/Div)
CLKEN Pull High to 3.3V
CCM VID Change Up
VCC_SENSE
(100mV/Div)
Time (20
μs/Div)
UGATE
(20V/Div)
LGATE
(5V/Div)
VID change from 0.85V to 0.9375V
VID0
(5V/Div)
CLKEN Pull High to 3.3V
CPU-RFM VID Change Down
VCC_SENSE
(100mV/Div)
Time (20
μs/Div)
UGATE
(20V/Div)
LGATE
(5V/Div)
VID change from 0.9375V to 0.85V
CLKEN Pull High to 3.3V
VID0
(5V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com