Electronic Components Datasheet Search
  English  ▼

X  

RT8152D Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT8152D
Description  Single-Phase PWM Controller for CPU / GPU Core Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8152D Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT8152D Datasheet HTML 16Page - Richtek Technology Corporation RT8152D Datasheet HTML 17Page - Richtek Technology Corporation RT8152D Datasheet HTML 18Page - Richtek Technology Corporation RT8152D Datasheet HTML 19Page - Richtek Technology Corporation RT8152D Datasheet HTML 20Page - Richtek Technology Corporation RT8152D Datasheet HTML 21Page - Richtek Technology Corporation RT8152D Datasheet HTML 22Page - Richtek Technology Corporation RT8152D Datasheet HTML 23Page - Richtek Technology Corporation RT8152D Datasheet HTML 24Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
RT8152C/D
21
DS8152C/D-04
April 2011
www.richtek.com
Figure 12. Thermal Throttling Setting Principle
NTC
VCC
NTC
RTT
+
-
+
0.8 x VCC
VRTT
CMP
For example, the following design parameters are given :
DCR = 1m
Ω, VCC = 5V, IL,ripple = 9A
ROC1a = RNTC, 25 = 10k
Ω, βNTC = 3450
For
−20°C to 100°C operation range, to set OCP trip current
ITRIP = 28A
LIM
OCSET, 25
9A
I
28A
32.5A
2
V
40 33A 1m
1.297V
=+
=
=×
×
Ω =
RNTC, −20°C = 78.4kΩ, RNTC,100°C = 0.98kΩ
RSENSE,-20°C = 0.82mΩ, RSENSE,100°C = 1.29mΩ
ROC2 = 4.7k
Ω, ROC1b = 8.46 kΩ
Over Voltage Protection (OVP)
The OVP circuit is triggered under two conditions :
Condition 1 : When VVSEN exceeds 1.52V.
Condition 2 : When VVSEN exceeds VDAC by 300mV
(typ.).
If either condition is valid, the RT8152C/D latches the
LGATE = 1 and UGATE = 0 as crowbar to the output
voltage of VR. Turn on all LS_FETs can lead to very large
reverse inductor current and potentially result in negative
output voltage of VR. To prevent the CPU from damaging
by negative voltage. The RT8152C/D turns off all LS_FETs
when VVSEN falls below
−100mV.
Under Voltage Protection (UVP)
If VVSEN is lower than VDAC by 400mV (typ.) a UVP fault
will be tripped. Once UVP is tripped, both high side and
low side MOSFET will be turned off, and the internal
discharge resistor at VSEN pin will be enabled. UVP is a
latched protection, it can only be reset by cycling VRON
or VCC.
Negative Voltage Protection (NVP)
During the state that VVSEN is lower than
−100mV, the
controller will force LGATE = 0 and UGATE = 0 for
preventing negative voltage. Once VVSEN recovers to be
higher than 0V, NVP will be suspended and LGATE = 1
will be enabled again.
⇒
Over Temperature Protection (OTP)
Over Temperature Protection prevents the VR from
damaging. OTP is considered to be the final protection
stage against overheating of the VR. The thermal throttling
VRTT shall be set to be asserted prior to OTP to manage
the VR power. When this measure was insufficient to keep
the die temperature of the controller below the OTP
threshold, OTP will be asserted and latches. The die
temperature of the controller is monitored internally by a
temperature sensor. As a result of OTP triggering, a soft
shutdown will be launched and VVSEN will be monitored.
When VVSEN is less than 200mV, the driver remains in
high impedance state and the discharging resistor at VSEN
pin will be enabled. A reset can be executed by cycling
VCC or VRON.
Thermal Throttling Control
Intel IMVP-6.5 technology supports thermal throttling of
the processor to prevent catastrophic thermal damage.
The RT8152C/D includes a thermal monitoring circuit to
detect an exceeded user defined temperature on a VR
point. The thermal monitoring circuit senses the voltage
change across NTC pin. Figure 12 shows the principle of
setting the temperature threshold. Connect an external
resistor divider between Vcc and GND. This divider uses
a Negative Temperature Coefficient (NTC) thermistor and
a resistor. The joint of the resistor divider is connected to
the NTC pin in order to generate a voltage that is inversely
proportional to temperature. The RT8152C/D pulls VRTT
low if the voltage on the NTC pin is greater than 0.8 x VCC.
The internal VRTT comparator has a hysteresis of 200mV
(typ.) to prevent high frequency VRTT oscillation when
the temperature is near the setting point. The minimum
assertion/de-assertion time for VRTT toggling is 1.6ms
(typ.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com