Electronic Components Datasheet Search
  English  ▼

X  

RT8239B Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8239B
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8239B Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8239B Datasheet HTML 4Page - Richtek Technology Corporation RT8239B Datasheet HTML 5Page - Richtek Technology Corporation RT8239B Datasheet HTML 6Page - Richtek Technology Corporation RT8239B Datasheet HTML 7Page - Richtek Technology Corporation RT8239B Datasheet HTML 8Page - Richtek Technology Corporation RT8239B Datasheet HTML 9Page - Richtek Technology Corporation RT8239B Datasheet HTML 10Page - Richtek Technology Corporation RT8239B Datasheet HTML 11Page - Richtek Technology Corporation RT8239B Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
RT8239A/B/C
8
DS8239A/B/C-06 October 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage Adjustable
Range
SMPS1, SMPS2
2
--
5.5
SECFB Voltage
VSECFB
RT8239B
1.92
2
2.08
V
On-Time
VPHASE1 = 2V
--
256
--
On-Time Pulse Width
tUGATEx
VIN = 20V
RTON = 56kΩ
VPHASE2 = 2V
--
220
--
ns
Minimum Off-Time
tLGATEx
VFBx = 1.8V
--
--
400
ns
fSMPS1
SMPS1 Operating Frequency
200
--
400
Frequency Range
fSMPS2
SMPS2 Operating Frequency
233
--
466
kHz
Ultrasonic Mode Frequency
fASM
RT8239C, VPHASEx = 50mV
25
--
--
kHz
Soft-Start
Soft-Start Time
tSSx
Zero to 200mV Current Limit Threshold
from ENTRIPx Enable
--
2
--
ms
Current Sense
Current Limit Current Source IENTRIPx
VENTRIPx = 0.9V
9.4
10
10.6
μA
Temperature Coefficient of
IENTRIPx
On The Basis of 25
°C
--
4700
--
ppm/
°C
Current Limit Adjustment
Range
VENTRIPx = IENTRIPx x RENTRIPx
0.5
--
2.7
V
Current Limit Threshold
VENTRIPx
GND
− PHASEx, VENTRIPx = 2V
180
200
225
mV
Zero-Current Threshold
VZC
GND
− PHASEx, FBx = 2.1V
--
3
--
mV
Internal Regulator and Reference
VBYP1 = 0V, ILDO5 < 100mA
4.8
5
5.2
VBYP1 = 0V, ILDO5 < 100mA ,
6.5V < VIN < 25V
4.75
--
5.25
LDO5 Output Voltage
VLDO5
VBYP1 = 0V, ILDO5 < 50mA,
5.5V < VIN < 25V
4.75
--
5.25
V
LDO5 Output Current
ISHORT5
VBYP1 = 0V, VLDO5 = 4.5V
--
225
--
mA
5V Switchover Threshold
VBYP1TH
Falling Edge, Rising Edge with FB1
Regulation Point
4.53
4.66
4.79
V
5V Switch RDS(ON)
RBYPSW
VBYP1 = 5V, ILDO5 = 50mA
--
1.5
3
Ω
VBYP1 = 0V, ILDO3 < 100mA
3.2
3.3
3.46
V
LDO3 Output Voltage
VLDO3
VBYP1 = 5V, ILDO3 < 100mA
3.2
3.3
3.46
LDO3 Output Current
ISHORT3
VBYP1 = 0V, VLDO3 = 2.9V
--
150
--
mA
UVLO
Rising Edge
--
4.35
4.5
LDO5 UVLO Threshold
VUVLO5
Falling Edge
3.9
4.05
4.2
V
LDO3 UVLO Threshold
VUVLO3
Both SMPS Off
--
2.2
--
Power Good
PGOOD Threshold
VPGOOD
PGOOD Detect, Rising edge with
soft-start delay time. Hysteresis = 2.5%
−14
−10
−6
%
PGOOD Propagation Delay
tPD_PGOOD Falling Edge
--
5
--
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com