Electronic Components Datasheet Search
  English  ▼

X  

RT8239B Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT8239B
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8239B Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT8239B Datasheet HTML 12Page - Richtek Technology Corporation RT8239B Datasheet HTML 13Page - Richtek Technology Corporation RT8239B Datasheet HTML 14Page - Richtek Technology Corporation RT8239B Datasheet HTML 15Page - Richtek Technology Corporation RT8239B Datasheet HTML 16Page - Richtek Technology Corporation RT8239B Datasheet HTML 17Page - Richtek Technology Corporation RT8239B Datasheet HTML 18Page - Richtek Technology Corporation RT8239B Datasheet HTML 19Page - Richtek Technology Corporation RT8239B Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
RT8239A/B/C
16
DS8239A/B/C-06 October 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT8239A/B/C is a dual, Mach ResponseTM DRVTM
mode synchronous buck controller targeted for notebook
system power supply solutions. RICHTEK's Mach
ResponseTM technology provides fast response to load
steps. The topology circumvents the poor load transient
timing problems of fixed frequency current mode PWMs
while avoiding the problems caused by widely varying
switching frequency in conventional constant on-time and
constant off-time PWM schemes. A special adaptive on-
time control trades off the performance and efficiency over
wide input voltage range. The RT8239A/B/C includes 5V
(LDO5) and 3.3V (LDO3) linear regulators. The LDO5 linear
regulator steps down the battery voltage to supply both
internal circuitry and gate drivers. The synchronous switch
gate drivers are directly powered by LDO5. When VOUT1
rises above 4.66V, an automatic circuit disconnects the
linear regulator and allows the device to be powered by
VOUT1 via the BYP1 pin.
PWM Operation
The Mach ResponseTM DRVTM mode controller relies on
the output filter capacitor's Effective Series Resistance
(ESR) to act as a current sense resistor, so that the output
ripple voltage provides the PWM ramp signal. Referring to
the RT8239A/B/C's Function Block Diagram, the
synchronous high side MOSFET will be turned on at the
beginning of each cycle. After the internal one-shot timer
expires, the MOSFET will be turned off. The pulse width
of this one-shot is determined by the converter's input
voltage and the output voltage to keep the frequency fairly
constant over the entire input voltage range. Another one-
shot sets a minimum off-time (400ns typ). The on-time
one-shot will be triggered if the error comparator is high,
the low side switch current is below the current limit
threshold, and the minimum off-time one-shot has timed
out.
PWM Frequency and On-time Control
For each specific input voltage range, the Mach
ResponseTM control architecture runs with pseudo constant
frequency by feed forwarding the input and output voltage
into the on-time one-shot timer. The high side switch on-
time is inversely proportional to the input voltage as
measured by VIN and proportional to the output voltage.
There are two benefits of a constant switching frequency.
First, the frequency can be selected to avoid noise
sensitive regions such as the 455kHz IF band. Second,
the inductor ripple current operating point remains
relatively constant, resulting in easy design methodology
and predictable output voltage ripple. The frequency for
3V SMPS is set higher than the frequency for 5V SMPS.
This is done to prevent audio frequency “beating” between
the two sides, which switch asynchronously for each side.
The TON pin is connected to GND through the external
resistor, RTON, to set the switching frequency.
The RT8239A/B/C adaptively changes the operation
frequency according to the input voltage. Higher input
voltage usually comes from an external adapter, so the
RT8239A/B/C operates with higher frequency to have
better performance. Lower input voltage usually comes
from a battery, so the RT8239A/B/C operates with lower
switching frequency for lower switching losses. For a
specific input voltage range, the switching cycle period is
given by :
For 5.5V < VIN < 6.5V :
tS1 = 61.28p x RTON
tS2 = 44.43p x RTON
For 6.5V < VIN < 12V :
tS1 = 51.85p x RTON
tS2 = 44.43p x RTON
For 12V < VIN < 25V :
tS1 = 45.75p x RTON
tS2 = 39.2p x RTON
The on-time guaranteed in the Electrical Characteristics
table is influenced by switching delays in the external
high side power MOSFET. Two external factors that
influence switching frequency accuracy are resistive drops
in the two conduction loops (including inductor and PC
board resistance) and the dead time effect. These effects
are the largest contributors to the change of frequency
with changing load current. The dead time effect increases
the effective on-time by reducing the switching frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com