Electronic Components Datasheet Search
  English  ▼

X  

AM79D2251JC Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM79D2251JC
Description  Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79D2251JC Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM79D2251JC Datasheet HTML 17Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 18Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 19Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 20Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 21Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 22Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 23Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 24Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Am79D2251
21
Single Frequency Distortion
The output signal level, at any single frequency in the range of 300 to 3400 Hz, other than that due
to an applied 0 dBm0 sine wave signal with frequency f in the same frequency range, is less than
–46 dBm0. With f swept between 0 to 300 Hz and 3.4 to 12 kHz, any generated output signals other
than f are less than –28 dBm0. This specification is valid for either transmission path.
Intermodulation Distortion
Two sine wave signals of different frequencies, f1 and f2 (not harmonically related) in the range 300
to 3400 Hz and of equal levels in the range –4 to –21 dBm0, do not produce 2 • f1 – f2 products
having a level greater than –42 dB, relative to the level of the two input signals.
A sine wave signal in the frequency band 300 to 3400 Hz with input level –9 dBm0 and a 50 Hz
signal with input level –23 dBm0 does not produce intermodulation products exceeding a level of
–56 dBm0. These specifications are valid for either transmission path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com