Electronic Components Datasheet Search
  English  ▼

X  

AM79D2251JC Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM79D2251JC
Description  Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79D2251JC Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM79D2251JC Datasheet HTML 1Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 2Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 3Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 4Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 5Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 6Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 7Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 8Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Am79D2251
5
ORDERING INFORMATION
AMD standard products are available in several packages and operating ranges. The ordering
number (valid combination) is formed by a combination of the elements below. Two ISLIC devices
need to be used with this part.
J
Valid Combinations
Valid combinations list configurations planned to
be supported in volume for this device. Consult
the local AMD sales office to confirm availability
of specific valid combinations, and to check on
newly released valid combinations.
DEVICE NAME/DESCRIPTION
Am79D2251
Advanced Dual Intelligent Subscriber Line Audio-
Processing Circuit
TEMPERATURE RANGE
C= Commercial (0°C to +70°C)
PACKAGE TYPE
J = 44-pin plastic leaded chip carrier (PL044)
V = 44-pin thin plastic quad flat pack (PQT044)
Am79D2251
C
Valid Combinations
Am79D2251
JC
Am79D2251
VC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com