Electronic Components Datasheet Search
  English  ▼

X  

AM79D2251JC Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM79D2251JC
Description  Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79D2251JC Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM79D2251JC Datasheet HTML 9Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 10Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 11Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 12Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 13Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 14Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 15Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 16Page - Advanced Micro Devices AM79D2251JC Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Am79D2251
13
LINECARD PARTS LIST
The following list defines the parts and part values required to meet target specification limits for
channel i of the linecard (i = 1, 2)
Notes:
1. Value can be adjusted to suit application.
2. Can be looser for relaxed ring-trip requirements. 1% match (each resistor ±1%) gives 1.275 mA uncertainty in ringing current
sensing.
3. Required for metering > 2.5 Vrms, otherwise may be omitted.
4. DT2i is optional - Should be put if there is a chance that this chip may be replaced by Am79R251.
Item
Type
Value
Tol.
Rating
Comments
U1
Am79R241
ISLIC device
U2
Am79X22xx
ISLAC device
U3, U4
P1001SC
100 V
TECCOR Battrax protector
U5
TISP61089
80 V
Transient Voltage Suppresser, Power
Innovations
D1, D2
Diode
1 A
100 V
DHi, DLi, DT1i, DT2i4
Diode
100 mA
100 V
50 ns
RFAi, RFBi
Resistor
50
Ω
2%
2 W
Fusible PTC protection resistors
RSAi, RSBi
Resistor
200 k
Ω
2%
1/4 W
Sense resistors
RTi
Resistor
80.6 k
Ω
1%
1/8 W
RRXi
Resistor
100 k
Ω
1%
1/8 W
RREF
Resistor
69.8 k
Ω
1%
1/8 W
Current reference
RMGLi, RMGPi
Resistor
1 k
Ω
5%
1 W
Thermal management resistors
RSHB, RSLB
Resistor
750 k
Ω
1%
1/8 W
RHLai
Resistor
40.2 k
Ω
1%
1/10 W
RHLbi
Resistor
4.32 k
Ω
1%
1/10 W
RHLci
Resistor
2.87 k
Ω
1%
1/10 W
RHLdi
Resistor
2.87 k
Ω
1%
1/10 W
CHLbi
Capacitor
3.3 nF
10 %
10 V
Not Polarized
CHLdi
Capacitor
0.82
µF
10 %
10 V
Ceramic
RMTi
Resistor
3.01 k
Ω
1%
1/8 W
RLGi
Resistor
6.04 k
Ω
1%
1/8 W
RTESTMi
Resistor
2 k
Ω
1%
1 W
Metallic test
RTESTLi
Resistor
2 k
Ω
1%
1 W
Longitudinal test
CADi, CBDi 1
Capacitor
22 nF
10%
100 V
Ceramic, not voltage sensitive
CBATHi, CBATLi
Capacitor
100 nF
20%
100 V
Ceramic
CHPi
Capacitor
22 nF
20%
100 V
Ceramic
CSi1
Capacitor
100 nF
20%
100 V
Protector speed up capacitor
CSSi3
Capacitor
56 pF
5%
100 V
Ceramic
Components for External Ringing
RGFDi
Resistor
510
Ω
2%
2 W
1.2 W typ
RSRBi, RSRc
Resistor
750 k
Ω
2%
1/4 W
Matched to within 0.2% for initial tolerance
and 0 to 70
° C ambient temperature range.2
17 mW typ
KRi
Relay
5 V Coil
DPDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com